Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTPH-56-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # CTPH-56-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CTPH-56-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  CTPH-56-R Datasheet HTML 1Page - M-System Co.,Ltd. CTPH-56-R Datasheet HTML 2Page - M-System Co.,Ltd. CTPH-56-R Datasheet HTML 3Page - M-System Co.,Ltd. CTPH-56-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: CTPH
CTPH SPECIFICATIONS
ES-1305 Rev.5 Page 2/4
http://www.m-system.co.jp/
• Line Frequency
• Response Time
Reset control: Used to reset the peak hold output.
Momentary value is output immediately after the resetting.
INPUT SPECIFICATIONS
■ CURRENT INPUT
Frequency: 50 or 60 Hz
Input burden: ≤ 0.5 VA
Overload capacity: 500 % of rating for 5 seconds, 120 %
continuous
Operational range: 0 – 120 % of rating
■ Contact Input: Used to reset the peak hold output.
Momentary value is output immediately after the resetting.
Detecting voltage/current: 15 V DC / approx. 2.5 mA
Detection levels: ≤ 5 kΩ, ≤ 6 V for ON;
≥ 100 kΩ, ≥ 14 V for OFF
INSTALLATION
Power Consumption
•AC:
Approx. 5 VA at 100 V
Approx. 6 VA at 200 V
Approx. 7 VA at 240 V
•DC: Approx. 3 W
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 240 g (0.53 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.5 %
Temp. coefficient: ±0.03 %/°C (±0.02 %/°F)
Response time: ≤ 50/100/200/500 msec. (0 – 90 %)
Peak hold reset time: 20 msec.
Ripple: 0.5 %p-p max.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @ 1 minute
(input to output 1 or output 2 or contact input to power to
ground)
500 V AC @ 1 minute (output 1 to output 2 to contact input)
Impulse withstand voltage: 1.2/50 μsec., ±5 kV (input to
output 1 or output 2 or contact input or ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com