Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7712MM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP7712MM
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7712MM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMP7712MM Datasheet HTML 1Page - National Semiconductor (TI) LMP7712MM Datasheet HTML 2Page - National Semiconductor (TI) LMP7712MM Datasheet HTML 3Page - National Semiconductor (TI) LMP7712MM Datasheet HTML 4Page - National Semiconductor (TI) LMP7712MM Datasheet HTML 5Page - National Semiconductor (TI) LMP7712MM Datasheet HTML 6Page - National Semiconductor (TI) LMP7712MM Datasheet HTML 7Page - National Semiconductor (TI) LMP7712MM Datasheet HTML 8Page - National Semiconductor (TI) LMP7712MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
V
IN Differential
±0.3V
Supply Voltage (V
S =V
+ –V−)
6.0V
Voltage on Input/Output Pins
V
+ +0.3V, V− −0.3V
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 3)
+150˚C
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering Lead Temp. (10
sec)
260˚C
Operating Ratings (Note 1)
Temperature Range (Note 3)
−40˚C to 125˚C
Supply Voltage (V
S =V
+ –V−)
0˚C
≤ T
A
≤ 125˚C
1.8V to 5.5V
−40˚C
≤ T
A
≤ 125˚C
2.0V to 5.5V
Package Thermal Resistance (
θ
JA(Note 3))
6-Pin TSOT23
170˚C/W
10-Pin MSOP
236˚C/W
2.5V Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
A = 25˚C, V
+ = 2.5V, V− =0V,V
O =VCM =V
+/2, V
EN =V
+. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
OS
Input Offset Voltage
±20
±180
±480
µV
TC V
OS
Input Offset Voltage Drift
(Note 6)
LMP7711
–1
±4
µV/˚C
LMP7712
–1.75
I
B
Input Bias Current
V
CM =1V
(Notes 7, 8)
0.05
50
100
pA
I
OS
Input Offset Current
V
CM =1V
(Note 8)
0.006
25
50
pA
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM
≤ 1.4V
83
80
100
dB
PSRR
Power Supply Rejection Ratio
2.0V
≤ V+ ≤ 5.5V
V
− = 0V, V
CM =0
85
80
100
dB
1.8V
≤ V+ ≤ 5.5V
V
− = 0V, V
CM =0
85
98
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 80 dB
CMRR
≥ 78 dB
−0.3
–0.3
1.5
1.5
V
A
VOL
Large Signal Voltage Gain
LMP7711, V
O = 0.15 to 2.2V
R
L =2k
Ω to V+/2
88
82
98
dB
LMP7712, V
O = 0.15 to 2.2V
R
L =2k
Ω to V+/2
84
80
92
LMP7711, V
O = 0.15 to 2.2V
R
L =10k
Ω to V+/2
92
88
110
LMP7712, V
O = 0.15 to 2.2V
R
L =10k
Ω to V+/2
90
86
95
V
O
Output Swing High
R
L =2k
Ω to V+/2
70
77
25
mV
from V
+
R
L =10k
Ω to V+/2
60
66
20
Output Swing Low
R
L =2k
Ω to V+/2
30
70
73
mV
R
L =10k
Ω to V+/2
15
60
62
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com