Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS2K Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # HS2K
Description  High Efficient Surface Mount Rectifiers Reverse Voitage 50 to 1000 Volts Forward Current 2.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

HS2K Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  HS2K Datasheet HTML 1Page - First Silicon Co., Ltd HS2K Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
HS2A ~ HS2M
2012. 05. 28
1/2
Revision No : 0
High Efficient Surface Mount Rectifiers
Reverse Voitage 50 to 1000 Volts Forward Current 2.0 Amperes
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Ratings at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Glass passivated junction chip
For surface mounted application
Low profile package
Built-in strain relief
Ideal for automated placement
Easy pick and place
Superfast recovery time for high efficiency
Glass passivated chip junction
High temperature soldering:
250oC/10 seconds at terminals
Plastic material used carries Underwriters Laboratory
Classification 94V-O
Cases: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Weight: 0.003 ounce, 0.093 gram
Notes
1. Reverse Recovery Test Conditions: I
F=0.5A, IR=1 0A, IRR=0 25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
r
e
t
e
m
a
r
a
s
P
l
o
b
m
y
S
A
2
S
H
B
2
S
H
D
2
S
H
F
2
S
H
G
2
S
H
J
2
S
H
K
2
S
H
M
2
S
H
s
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
V
M
M
R
R
0
5
0
0
1
0
0
2
0
0
3
0
0
4
0
0
6
0
0
8
0
0
0
1
s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
V
M
S
M
R
5
3
0
7
0
4
1
0
1
2
0
8
2
0
2
4
0
6
5
0
0
7
s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
V
M
C
D
0
5
0
0
1
0
0
2
0
0
3
0
0
4
0
0
6
0
0
8
0
0
0
1
s
t
l
o
V
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
2
.
g
i
F
e
e
S
I
)
V
A
(
0
.
s
2
p
m
A
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
f
l
a
h
)
d
o
h
t
e
M
C
E
D
E
J
(
I
M
S
F
0
.
0
s
5
p
m
A
A
0
.
2
@
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
V
M
F
0
.
3
1
.
1
7
.
s
1
t
l
o
V
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
T
@
A
5
2
=
oC
T
@
A
0
0
1
=
oC
I
R
0
.
5
0
0
1
uA
uA
)
1
e
t
o
N
(
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
r
m
u
m
i
x
a
t
M
r
r
0
5
5
7
nS
)
2
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
C
T
J
0
0
5
3
pF
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
T
O
J
0
5
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
T
S
G
T
S
0
5
1
+
o
t
5
5
-
oC


Similar Part No. - HS2K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS2K TSC-HS2K Datasheet
54Kb / 2P
2.0 AMPS. High Efficient Surface Mount Rectifiers
HS2K TSC-HS2K Datasheet
267Kb / 2P
2.0 AMPS. High Efficient Surface Mount Rectifiers
logo
GOOD-ARK Electronics
HS2K GOOD-ARK-HS2K Datasheet
179Kb / 2P
High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
logo
Taiwan Semiconductor Co...
HS2K TSC-HS2K Datasheet
564Kb / 2P
2.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS2K YANGJIE-HS2K Datasheet
145Kb / 2P
High Efficient Rectifier
More results

Similar Description - HS2K

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HS2A GOOD-ARK-HS2A Datasheet
179Kb / 2P
High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
HS3A GOOD-ARK-HS3A Datasheet
193Kb / 2P
High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
HER151 GOOD-ARK-HER151_15 Datasheet
196Kb / 2P
High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
HS3A GOOD-ARK-HS3A_15 Datasheet
194Kb / 2P
High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
HS2A GOOD-ARK-HS2A_15 Datasheet
180Kb / 2P
High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
HER2001 GOOD-ARK-HER2001_15 Datasheet
153Kb / 2P
High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
HER301 GOOD-ARK-HER301_15 Datasheet
190Kb / 2P
High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
HER2001G GOOD-ARK-HER2001G_15 Datasheet
148Kb / 2P
Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
HER201G GOOD-ARK-HER201G_15 Datasheet
191Kb / 2P
Glass Passivated High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
HER201 GOOD-ARK-HER201_15 Datasheet
190Kb / 2P
High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com