Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7712MMX Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP7712MMX
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7712MMX Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMP7712MMX Datasheet HTML 10Page - National Semiconductor (TI) LMP7712MMX Datasheet HTML 11Page - National Semiconductor (TI) LMP7712MMX Datasheet HTML 12Page - National Semiconductor (TI) LMP7712MMX Datasheet HTML 13Page - National Semiconductor (TI) LMP7712MMX Datasheet HTML 14Page - National Semiconductor (TI) LMP7712MMX Datasheet HTML 15Page - National Semiconductor (TI) LMP7712MMX Datasheet HTML 16Page - National Semiconductor (TI) LMP7712MMX Datasheet HTML 17Page - National Semiconductor (TI) LMP7712MMX Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Application Notes (Continued)
A feedback capacitance C
F is usually added in parallel with
R
F to maintain circuit stability and to control the frequency
response. To achieve a maximally flat, 2
nd order response,
R
F and CF should be chosen by using Equation (3)
(3)
Calculating C
F from Equation (3) can sometimes result in
capacitor values which are less than 2 pF. This is especially
the case for high speed applications. In these instances, its
often more practical to use the circuit shown in Figure 7 in
order to allow more sensible choices for C
F. The new feed-
back capacitor, C'
F, is (1+ RB/RA)CF. This relationship holds
as long as R
A << RF.
SENSOR INTERFACE
The LMP7711/LMP7712 have low input bias current and low
input referred noise, which make them ideal choices for
sensor interfaces such as thermopiles, Infra Red (IR) ther-
mometry, thermocouple amplifiers, and pH electrode buffers.
Thermopiles generate voltage in response to receiving ra-
diation. These voltages are often only a few microvolts. As a
result, the operational amplifier used for this application
needs to have low offset voltage, low input voltage noise,
and low input bias current. Figure 8 shows a thermopile
application where the sensor detects radiation from a dis-
tance and generates a voltage that is proportional to the
intensity of the radiation. The two resistors, R
A and RB, are
selected to provide high gain to amplify this signal, while C
F
removes the high frequency noise.
PRECISION RECTIFIER
Rectifiers are electrical circuits used for converting AC sig-
nals to DC signals. Figure 9 shows a full-wave precision
rectifier. Each operational amplifier used in this circuit has a
diode on its output. This means for the diodes to conduct, the
output of the amplifier needs to be positive with respect to
ground. If V
IN is in its positive half cycle then only the output
of the bottom amplifier will be positive. As a result, the diode
on the output of the bottom amplifier will conduct and the
signal will show at the output of the circuit. If V
IN is in its
negative half cycle then the output of the top amplifier will be
positive, resulting in the diode on the output of the top
amplifier conducting and, delivering the signal on the ampli-
fier’s output to the circuits output.
For R
2/R1
≥ 2, the resistor values can be found by using the
equation shown in Figure 9.IfR
2/R1 = 1, then R3 should be
left open, no resistor needed, and R
4 should simply be
shorted.
20150369
FIGURE 6. Transimpedance Amplifier
20150331
FIGURE 7. Modified Transimpedance Amplifier
20150327
FIGURE 8. Thermopile Sensor Interface
20150374
FIGURE 9. Precision Rectifier
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com