Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA3-Z11-R3/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # DA3-Z11-R3/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DA3-Z11-R3/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  DA3-Z11-R3/Q Datasheet HTML 1Page - M-System Co.,Ltd. DA3-Z11-R3/Q Datasheet HTML 2Page - M-System Co.,Ltd. DA3-Z11-R3/Q Datasheet HTML 3Page - M-System Co.,Ltd. DA3-Z11-R3/Q Datasheet HTML 4Page - M-System Co.,Ltd. DA3-Z11-R3/Q Datasheet HTML 5Page - M-System Co.,Ltd. DA3-Z11-R3/Q Datasheet HTML 6Page - M-System Co.,Ltd. DA3-Z11-R3/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: DA3
DA3 SPECIFICATIONS
ES-1395 Rev.14 Page 4/7
https://www.m-system.co.jp/
PARAMETER LIST
It is available to configure or confirm settings shown below by using front key pad.
ITEM
MDF.
CODE
DATA
CONTENTS
DEFAULT
P
N/A
-9999 – 9999
(-FFFF – FFFF)
Input display in engineering unit, BCD (as set in ITEM 08/09)
( ) for binary, offset binary, two's complement, re ected binary
–
01
1, 2 , 3
Modi cation code
1 : Data indication only.
2 : All parameters are modi able.
3 : ITEM 22 only.
1
02
N/A
0 – 99
Status indication (“0” is normally indicated.)
0: Normal
1: Memory error
10: Out of input range -15 – 115%
–
03/L
2
-15.0 – 115.0
Input indicated in % (of the range set in ITEM 17/18)
Loop test output with ITEM 01 DATA 2 (‘L’ is indicated as ITEM No.)
–
04
05
2
2
-99.99 – 99.99
-99.99 – 99.99
Zero adjustment (%) ( ne adj. of the value set in ITEM 17)
Span adjustment (%) ( ne adj. of the value set in ITEM 18)
0.00
0.00
06
2
0, 1, 2, 3, 4
Display code
0 : BCD with polarity (decimal)
1 : Binary with polarity
2 : Offset binary
3 : Two’s complement
4 : Re ected binary
0
07
2
0, 1, 2, 3, 4
Available number of bits
0: 16 bits
1: 14 bits
2: 12 bits
3: 10 bits
4: 8 bits
0
08
09
2
2
-9999 – 9999
-9999 – 9999
BCD
Display range scaling
0% *1
Display range scaling 100% *1
-9999
9999
08
09
2
2
-7FFF – 7FFF
-7FFF – 7FFF
Binary
Display range scaling
0% *1
Display range scaling 100% *1
-7FFF
7FFF
08
09
2
2
0000 – FFFF
0000 – FFFF
Offset binary
Display range scaling
0% *1
Display range scaling 100% *1
0000
FFFF
08
09
2
2
8000 – 7FFF
8000 – 7FFF
Two’s complement
Display range scaling
0% *1
Display range scaling 100% *1
8000
7FFF
08
09
2
2
0000 – FFFF
0000 – FFFF
Re ected binary
Display range scaling
0% *1
Display range scaling 100% *1
0000
FFFF
10
2
0, 1
Data input logic*2
0 : Positive
1 : Negative
ITEM 11 and 13 are independent from ITEM 10.
1
11
2
0, 1, 2
LOAD input
0: LOAD at Low or shortcircuit*3
1 : LOAD at High or opencircuit*4
2 : Unavailable (unused)
0
12
2
0, 1
POL input
0 : Unavailable (unused)
1 : Available (used)
1
13
2
0, 1
POL input
0: Negative at High or opencircuit*4
1 : Negative at Low or shortcircuit*3
1
14
2
0, 1, 2
Parity check
0: Disable
1: Enable Parity per each digit
2: Enable Parity for all digits
0
15
2
0, 1
Odd or even parity
0 : Odd
1 : Even
0
16
2
0.0 – 60.0
Delay buffer (seconds, 0 – 90%)
When the Response Time model suffix code is speci ed to 1, the set value is
only effective at 0.5 or higher value.
0.0
17
18
2
2
-1.00 – 1.00
-1.00 – 1.00
Output code V1
0% output voltage (V) *5
100% output voltage (V) *5
-1.00
1.00
17
18
2
2
-10.0 – 10.0
-10.0 – 10.0
Output code V2
0% output voltage (V) *5
100% output voltage (V) *5
-10.0
10.0
17
18
2
2
0.0 – 20.0
0.0 – 20.0
Output code Z1
0% output voltage (V) *5
100% output voltage (V) *5
4.0
20.0
19
2
0 – 99
Power ON-delay time (seconds)
5
20
2
0, 1 – 60
Power-saving mode
0 : Continuous display
1 – 60 : Time before display turned off (minutes)
10
21
2
0 – 9999
Parity check error count
The count value is reset to 0 with double-clicking the DATA DOWN key.
–
22
3
0, 1
Reset all settings
0
23
N/A
—
ROM version
–
*1. ITEM 08 < ITEM 09.
*2. Open collector input logic
LOGIC
ITEM 10
0 : Positive logic
1 : Negative logic
INPUT
DATA
0
1
0
1
TTL level, open collector sink type (TTL level)
Short (LOW)
Open (HIGH)
Open (HIGH)
Short (LOW)
24V DC, open collector source type
Open
Short
Short
Open
*3. “Opencircuit” with 24V DC input
*4. “Shortcircuit” with 24V DC input
*5. Of the range set in ITEM 08/09. ITEM 17 < ITEM 18.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com