Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA3-Z12-R3/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # DA3-Z12-R3/Q
Description  Plug-in Signal Conditioners M-UNIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DA3-Z12-R3/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  DA3-Z12-R3/Q Datasheet HTML 1Page - M-System Co.,Ltd. DA3-Z12-R3/Q Datasheet HTML 2Page - M-System Co.,Ltd. DA3-Z12-R3/Q Datasheet HTML 3Page - M-System Co.,Ltd. DA3-Z12-R3/Q Datasheet HTML 4Page - M-System Co.,Ltd. DA3-Z12-R3/Q Datasheet HTML 5Page - M-System Co.,Ltd. DA3-Z12-R3/Q Datasheet HTML 6Page - M-System Co.,Ltd. DA3-Z12-R3/Q Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: DA3
DA3 SPECIFICATIONS
ES-1395 Rev.14 Page 1/7
https://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
D/A CONVERTER
(16-bit resolution)
Functions & Features
• Converts parallel digital signal into a DC output
• BCD, binary, offset binary, two's complement, reflected
binary inputs
• Positive or negative logic selectable
• Display can be scaled in convenient engineering unit
• Scalable DC output range
• Parity check
Typical Applications
• Interface of analog signal for computers and PLC
50
(1.97)
139
(5.47)
80
(3.15)
mm (inch)
MODEL: DA3–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: DA3-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. DA3-V11-M2/A/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
Use Ordering Information Sheet (No. ESU-1395) for
specifying programmable variables. Default setting will be
used if not specified.
[1] OUTPUT
Current
Z1: Range 0 – 20 mA DC (Load resistance 600Ω max.)
Voltage
V1: Range -1 – +1 V DC (Load resistance 1000Ω min.)
V2: Range -10 – +10 V DC (Load resistance 10kΩ min.)
[2] RESPONSE TIME
1: 400 msec.
2: 10 msec.
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R3: 12 – 24 V DC
(Operational voltage range 10.8 - 26.4 V, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[4] OPTIONS (multiple selections)
Input
Blank: TTL level
/A: 24 V DC
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
• Connector terminal block (model: CNT)
• Special cable (model: MCN26)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
Input: 26-pin connector(OMRON XG4A-2634)
Paired connector: OMRON XG4M-2630-T, XG5M-263x-N
Cover: OMRON XG5S-2612
Output, power: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -15 to +115 %
■DISPLAY
LED: 7 mm (.28") 7 segment, red
Number of display digits: 4 digits for DATA display; 2 digits
for ITEM display
PV indication: Input signal in engineering unit
Overrange indication: LEDs blinking
Power saving mode: Displays turn off if the keys are
untouched for a preset time period


Similar Part No. - DA3-Z12-R3/Q

ManufacturerPart #DatasheetDescription
logo
Carling Technologies
DA3-B0-10-450-121-C CARLINGTECH-DA3-B0-10-450-121-C Datasheet
2Mb / 8P
Circuit Breaker
More results

Similar Description - DA3-Z12-R3/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
PNT MSYSTEM-PNT Datasheet
93Kb / 2P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com