Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTH-52C Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # CTH-52C
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CTH-52C Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  CTH-52C Datasheet HTML 1Page - M-System Co.,Ltd. CTH-52C Datasheet HTML 2Page - M-System Co.,Ltd. CTH-52C Datasheet HTML 3Page - M-System Co.,Ltd. CTH-52C Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: CTH
CTH SPECIFICATIONS
ES-1909 Rev.9 Page 2/4
https://www.m-system.co.jp/
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Input filter: Selectable with the front switch
INPUT SPECIFICATIONS
Frequency: 4 Hz – 200 kHz (-3 dB) or 4 Hz – 2 kHz (-3 dB)
Input burden: 0.5 VA max.
Overload capacity: 1000 % of rating for 3 sec., 200 % for 10
sec., 120 % continuous
Operational range: 0 – 120 % of rating
10
4
100
1k 2k
10k
100k 200k (Hz)
–10
0
(dB)
–3
Frequency Characteristics
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 15 V max.
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 10 mA max.; 5 mA for
negative voltage output; at ≥ 0.5 V
INSTALLATION
Power input
• AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 2 VA
• DC: Operational voltage range: rating ±10 %, or 85 – 150
V for 110 V rating (ripple 10 % p-p max.)
approx. 2 W (80 mA at 24 V)
Operating temperature: -5 to +60°C (23 to 140°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 300 g (0.66 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.3 % at 20 Hz – 1 kHz
±7 % at 7 Hz – 100 kHz
Temp. coefficient:
±0.015 %/°C (±0.008 %/°F) at 20 Hz – 1 kHz
±0.35 %/°C (±0.19 %/°F) at 7 Hz – 100 kHz
Response time: Approx. 1.5 sec. (0 – 90 %)
Ripple: 0.5 %p-p max.(The output ripple may increase when
there is great difference between the frequencies of input
signal and power supply)
Line voltage effect: ±0.1 % over voltage range
(input 5 - 100 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input to output to power: Reinforced insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com