Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3045554 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3045554
Description  UPBV 4/ 8
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3045554 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3045554 Datasheet HTML 1Page - PHOENIX CONTACT 3045554 Datasheet HTML 2Page - PHOENIX CONTACT 3045554 Datasheet HTML 3Page - PHOENIX CONTACT 3045554 Datasheet HTML 4Page - PHOENIX CONTACT 3045554 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Feb 25, 2011
Extract from the online
catalog
 
UPBV 4/ 8
Order No.: 3045871
The illustration shows the 6-position version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3045871
 
 
Connectors, Type of connection: Screw connection, Screw
connection, Number of positions: 8, Cross section: 0.14 mm² - 6 mm²,
AWG 26 - 10, Width: 49.6 mm, Height: 47 mm, Color: gray
 
Commercial data
GTIN (EAN)
4
046356
083386
Note
Made-to-order
sales group
A871
Pack
25 pcs.
Customs tariff
85366990
Catalog page information
Page 29 (NTK-2010)
Product notes
WEEE/RoHS-compliant since:
01/01/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions
Width
49.6 mm
Length
21 mm
Height
47 mm


Similar Part No. - 3045554

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3045554 PHOENIX-3045554 Datasheet
114Kb / 5P
UPBV 2,5/ 1-L
3045554 PHOENIX-3045554 Datasheet
115Kb / 5P
UPBV 2,5/ 1-L GNYE
3045554 PHOENIX-3045554 Datasheet
115Kb / 5P
UPBV 2,5/ 1-M
3045554 PHOENIX-3045554 Datasheet
115Kb / 5P
UPBV 2,5/ 1-R
3045554 PHOENIX-3045554 Datasheet
113Kb / 5P
UPBV 2,5/ 2
More results

Similar Description - 3045554

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3045428 PHOENIX-3045428 Datasheet
112Kb / 5P
UPBV 2,5/ 4
3045774 PHOENIX-3045774 Datasheet
113Kb / 5P
UPBV 4/ 1-R
3045949 PHOENIX-3045949 Datasheet
99Kb / 10P
Plug - UPBV 4/15
3045897 PHOENIX-3045897 Datasheet
112Kb / 5P
UPBV 4/10
3045460 PHOENIX-3045460 Datasheet
112Kb / 5P
UPBV 2,5/ 8
3045716 PHOENIX-3045716 Datasheet
113Kb / 5P
UPBV 4/ 1-L
3045813 PHOENIX-3045813 Datasheet
111Kb / 5P
UPBV 4/ 2
3045826 PHOENIX-3045826 Datasheet
111Kb / 5P
UPBV 4/ 3
3045842 PHOENIX-3045842 Datasheet
111Kb / 5P
UPBV 4/ 5
3045839 PHOENIX-3045839 Datasheet
254Kb / 13P
Plug - UPBV 4/ 4
02/04/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com