Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDU Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # FDU
Description  Space-saving Plug-in Signal Conditioners F-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

FDU Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  FDU Datasheet HTML 1Page - M-System Co.,Ltd. FDU Datasheet HTML 2Page - M-System Co.,Ltd. FDU Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: FDU
FDU SPECIFICATIONS
ES-1428 Rev.8 Page 1/3
http://www.m-system.co.jp/
Space-saving Plug-in Signal Conditioners F-UNIT
CURRENT LOOP SUPPLY
(10 – 50 mA loop)
Functions & Features
• Powering a 10 – 50 mA DC current loop
• Isolation
• Shortcircuit protection
• Applicable to smart transmitters
• High-density mounting
Typical Applications
• Various 2-wire transmitters
26 (1.02)
100
(3.94)
mm (inch)
137
(5.39)
MODEL: FDU–24–[1][2]
ORDERING INFORMATION
• Code number: FDU-24-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. FDU-24-K/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
SUPPLY OUTPUT
24: 24 V DC
INPUT
Current
10 – 50 mA DC
OUTPUT
Voltage
1-5 V DC (Load resistance 50 kΩ min.)
[1] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
SUPPLY OUTPUT
Output voltage: 24 – 28 V DC with no load
Current rating: ≤ 55mA DC
• Shortcircuit Protection
Current limited: Approx. 65 mA
Protected time duration: No limit
INPUT SPECIFICATIONS
Equivalent input impedance: Approx. 100 Ω at 50 mA
INPUT CURRENT [mA]
10
30
50
6.0
approx.
4.8
4.0
approx. 6.0
5.0


Similar Part No. - FDU

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
FDU-2 DATADELAY-FDU-2 Datasheet
114Kb / 1P
FREQUENCY DOUBLING UNIT
FDU-2-12R000 DATADELAY-FDU-2-12R000 Datasheet
114Kb / 1P
FREQUENCY DOUBLING UNIT
FDU-2-12R000M DATADELAY-FDU-2-12R000M Datasheet
114Kb / 1P
FREQUENCY DOUBLING UNIT
FDU-2-16R000 DATADELAY-FDU-2-16R000 Datasheet
114Kb / 1P
FREQUENCY DOUBLING UNIT
FDU-2-16R000M DATADELAY-FDU-2-16R000M Datasheet
114Kb / 1P
FREQUENCY DOUBLING UNIT
More results

Similar Description - FDU

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FAC MSYSTEM-FAC Datasheet
97Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FRT MSYSTEM-FRT Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FPA MSYSTEM-FPA Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FLCS MSYSTEM-FLCS Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJV MSYSTEM-FJV Datasheet
108Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FJPA MSYSTEM-FJPA Datasheet
105Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJFX MSYSTEM-FJFX Datasheet
108Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FJFT MSYSTEM-FJFT Datasheet
191Kb / 5P
Space-saving Plug-in Signal Conditioners F-UNIT
FTG MSYSTEM-FTG Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FSE MSYSTEM-FSE Datasheet
97Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com