Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

560708 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 560708
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

560708 Datasheet(HTML) 1 Page - Festo Corporation.

  560708 Datasheet HTML 1Page - Festo Corporation. 560708 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VOVG-S12-M52Q-AH-M5-1H3
Part number: 560708
Data sheet
Feature
Value
Valve function
5/2, monostable
Lap
Overlap
Operating pressure
29 psi ... 116 psi
Operating pressure
0.2 MPa ... 0.8 MPa
Actuation type
Electrical
Width
25 mm
Standard nominal flow rate
180 l/min
Pneumatic working port
Sub-base
Operating voltage
24V DC
Operating pressure
2 bar ... 8 bar
Design
Piston gate valve
Reset method
Pneumatic spring
Degree of protection
IP40
Nominal width
2.1 mm
Type code
VOVG
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
Non-detenting
Type of control
Pilot-controlled
Flow direction
Non-reversible
Symbol
00991049
Switching time off
18 ms
On switching time
15 ms
Coil characteristics
24 V DC: 1.0 W
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
Temperature of medium
-5 °C ... 50 °C
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Ambient temperature
-5 °C ... 50 °C
Electrical connection
2-pin
Plug
Pneumatic connection 1
Sub-base
Pneumatic connection 2
M5
Pneumatic connection 3
Sub-base
4/7/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 560708

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
560700 FESTO-560700 Datasheet
97Kb / 2P
Air solenoid valve
560701 FESTO-560701 Datasheet
94Kb / 2P
Air solenoid valve
560702 FESTO-560702 Datasheet
94Kb / 2P
Air solenoid valve
560703 FESTO-560703 Datasheet
98Kb / 2P
Air solenoid valve
560704 FESTO-560704 Datasheet
97Kb / 2P
Air solenoid valve
More results

Similar Description - 560708

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com