Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL540 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SL540
Description  5.0Amp Surfacs Mounted Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SL540 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SL540 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SL540 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SL540 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SL545
-55 to +150
50
Maximum repetitive peak reverse voltage
250 C/10 seconds at terminals
Single phase half-wave 60Hz,resistive or inductive load,
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
5.0
120.0
Operating junction temperature range
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=100 C
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum instantaneous forward voltage at 2.0A
Maximum DC reverse current
T A =25 C
at rated DC blocking voltage
TA=125 C
IR
0.5
RqJA
TJ
60.0
C
Typical thermal resistance
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
SL580
SL5100
60
42
60
80
56
80
100
70
100
Case : Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
Weight : 0.003 ounce, 0.092 grams
for capacitive load current derate by 20%.
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Built-in strain relief,ideal for automated placement
Low forward voltage drop
High forward surge current capability
High temperature soldering guaranteed
Mechanical Data
Maximum Ratings And Electrical Characteristics
SL540~SL5100
0.48
SL560
45
31.5
45
Parameter
0.55
0.70
20
0.2
A
m
-55 to +150
Storage temperature range
TSTG
C
SL540
40
28
40
SL550
50
35
50
TO-277B
Dimensions in inches and (millimeters)
at 5.0A
0.35
0.40
0.45
5.0Amp Surfacs Mounted Schottky Barrier Rectifiers
Rev 2.0 :
www.leiditech.com
12.01.2019
1/3
●
●
●
●
●
●


Similar Part No. - SL540

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SL54 MCC-SL54 Datasheet
442Kb / 3P
High Surge forward current capability
SL54 MCC-SL54 Datasheet
451Kb / 3P
5 Amp Low VF Schottky Rectifier 40~100 Volts
logo
DAESAN ELECTRONIC CORP.
SL54 DAESAN-SL54 Datasheet
282Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diotec Semiconductor
SL54-3G DIOTEC-SL54-3G Datasheet
131Kb / 2P
SMD Schottky Barrier Rectifier Diodes
logo
PACELEADER INDUSTRIAL
SL54-A PACELEADER-SL54-A Datasheet
863Kb / 5P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS-20V~40V
More results

Similar Description - SL540

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDR5200S SECOS-SDR5200S Datasheet
715Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SM540A SECOS-SM540A Datasheet
236Kb / 2P
5.0Amp Schottky Barrier Rectifiers
SM560A SECOS-SM560A Datasheet
339Kb / 2P
5.0Amp Schottky Barrier Rectifiers
SP0560S SECOS-SP0560S Datasheet
479Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SR520 SECOS-SR520 Datasheet
215Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SM5100B SECOS-SM5100B Datasheet
561Kb / 2P
5.0Amp Schottky Barrier Rectifiers
SDR5100SF SECOS-SDR5100SF_15 Datasheet
383Kb / 2P
5.0AMP Schottky Barrier Rectifiers
SR5150S SECOS-SR5150S_15 Datasheet
125Kb / 2P
5.0AMP Schottky Barrier Rectifiers
logo
Shanghai Leiditech Elec...
SS1520 LEIDITECH-SS1520 Datasheet
2Mb / 3P
15.0Amp Surfacs Mounted Schottky Barrier Rectifiers
SL1540 LEIDITECH-SL1540 Datasheet
2Mb / 3P
15.0Amp Surfacs Mounted Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com