Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR4045CT Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MBR4045CT
Description  Dual Schottky Barrier Rectifiers Reverse Voltage 45 Volts , Forward Current 40A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBR4045CT Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MBR4045CT Datasheet HTML 1Page - First Silicon Co., Ltd MBR4045CT Datasheet HTML 2Page - First Silicon Co., Ltd MBR4045CT Datasheet HTML 3Page - First Silicon Co., Ltd MBR4045CT Datasheet HTML 4Page - First Silicon Co., Ltd MBR4045CT Datasheet HTML 5Page - First Silicon Co., Ltd MBR4045CT Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR4045CT
MBRB4045CT
T
J
°C
Tstg
°C
R
thJC
Max. Thermal Resistance
°C/W DC operation
Junction to Case
(Per Leg)
R
thCS
Typical Thermal Resistance
°C/W Mounting surface, smooth and greased
0
2
2
-
O
T
r
o
f
y
l
n
O
k
n
i
s
t
a
e
H
o
t
e
s
a
C
R
thJA
Max. Thermal Resistance
°C/W DC operation
D
For TO-263(
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
2
PAK)
ApproximateWeight
Mounting Torque
Max.
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
V
FM
@ 20A
J
= 25 °C
V
@ 40A
V
@ 20A
J
= 125 °C
V
@ 40A
I
RM
Max. Instantaneus Reverse Current
J =
25 °C
Rated DC voltage
mA
T
J = 100 °C
mA
TJ = 125 °C
CT
Max. Junction Capacitance
R = 5V
DC, (test signal range 100Khz to 1Mhz) 25°C
LS
Typical Series Inductance
Max. Voltage Rate of Change
(Rated VR)
Electrical Specifications
Parameters
Notes. (1) Pulse Width < 300µs, Duty Cycle <2%
I
F(AV)
Max.Average Forward (PerLeg)
C = 118° C, (Rated VR)
Current
(PerDevice)
I
FRM
Peak Repetitive Forward
R, square wave, 20kHz
T
Leg)
r
e
P
(
t
n
e
r
r
u
C
C = 118° C
I
FSM
Max.PeakOneCycleNon-Repetitive
Surge Current
(Per Leg)
E
AS
A
TJ=25°C,IAS=3Amps,L=4.40mH
(Per Leg)
I
AR
A
Currentdecaying linearty tozero in1 µsec
T
y
b
d
e
ti
m
il
y
c
n
e
u
q
e
r
F
)
g
e
L
r
e
P
(
J max. VA = 1.5 x VR typical
Absolute Maximum Ratings
Units Conditions
Following any rated load
condition and with rated
VRRM applied
VR
Max. DC Reverse Voltage (V)
VRWM
Max. Working Peak Reverse Voltage (V)
45
Voltage Ratings
Parameters
Symbol
Symbol
Symbol
Symbol
2019. 10. 14
2/6
Revision No : 0
MBR4045CT, MBRB4045CT
Values
@ T
A
20
40
RatedV
40
A
900
210
A
5µsSineor3µsRect.pulse
10msSineor6msRect.pulse
Non-RepetitiveAvalancheEnergy
20
Repetitive Avalanche Current
Parameters
Units Conditions
mA
T
3
1
Values
(1)
dv/dt
T
T
V
Max. Forward Voltage Drop
0.60
0.78
0.58
0.75
(1)
50
95
pF
V
900
nH
Measured from top of terminal to mounting plane
8.0
V/ µs
10,000
Parameters
Units Conditions
Values
Max.JunctionTemperatureRange -65 ~150
Max.StorageTemperatureRange -65 ~175
1.5
0.50
50
g (oz.)
2(0.07)
wt
T
12(10)
Min.
6(5)
Non-lubricated threads



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com