Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB4045CT Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # MBRB4045CT
Description  Dual Schottky Barrier Rectifiers Reverse Voltage 45 Volts , Forward Current 40A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBRB4045CT Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  MBRB4045CT Datasheet HTML 1Page - First Silicon Co., Ltd MBRB4045CT Datasheet HTML 2Page - First Silicon Co., Ltd MBRB4045CT Datasheet HTML 3Page - First Silicon Co., Ltd MBRB4045CT Datasheet HTML 4Page - First Silicon Co., Ltd MBRB4045CT Datasheet HTML 5Page - First Silicon Co., Ltd MBRB4045CT Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig.7 -Max. Non-Repetitive Surge Current (Per Leg)
Fig.5- Max. Allowable CaseTemperature
Vs. Average Forward Current
Fig.6 -Forward Power Loss Characteristics
Notes. (2) Formula used: T
C = TJ - (Pd + PdREV) x RthJC;
Pd = Forward PowerLoss =I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1= rated VR
AverageForward Current-I
F(AV) (A)
AverageForward Current-I
F(AV) (A)
SquareWavePulseDuration-t
p (microsec)
2019. 10. 14
4/6
Revision No : 0
MBR4045CT, MBRB4045CT
Ratings and Characteristics Curves(Con.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com