Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF2040CT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SFF2040CT
Description  Super fast rectifier Reverse voltage 400 volts forward current 20 ampers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SFF2040CT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SFF2040CT Datasheet HTML 1Page - First Silicon Co., Ltd SFF2040CT Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2015 11 25
1/2
Revision No : 0
SFF2040CT
Super fast rectifier
Reverse voltage 400 volts forward current 20 ampers
Low power loss, high efficiency
Low forward voltage, high current capability
High surge capacity
Super fast recovery times, high voltage
Case: Full molded plastic package
Terminals: Lead solderable per MIL-STD-202, Method 208
Polarity: As marked
Standard packaging: Any
Weight: 0.08 ounces, 2.24 grams
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Ratings at 25oC ambient temperature unless otherwise specified.
r
e
t
e
m
a
r
a
l
P
o
b
m
y
S
SFF2040CT
t
i
n
U
e
g
a
tl
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
it
it
e
p
e
r
m
u
m
i
x
a
V
M
M
R
R
400
ts
l
o
V
e
g
a
tl
o
v
S
M
R
m
u
m
i
x
a
V
M
S
M
R
ts
l
o
V
e
g
a
tl
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
V
M
C
D
ts
l
o
V
T
t
a
t
n
e
r
r
u
c
d
e
f
it
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
C
5
0
1
=
oC
I
)
V
A
(
F
s
p
m
A
e
v
a
w
-
e
n
i
s
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
s
125
p
m
A
10A per
t
a
e
g
a
tl
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
M
t
n
e
m
e
l
e
V
F
1.3
ts
l
o
V
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
e
g
a
tl
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
T
@
C
5
2
=
oC
T
@
C
0
0
1
=
oC
I
R
10
0
0
5
uA
t
a
e
m
it
y
r
e
v
o
c
e
r
e
s
r
e
v
e
r
m
u
m
i
x
a
M
I
F
I
,
A
5
.
0
=
R
I
,
A
0
.
1
=
r
r
A
5
2
.
0
=
t
r
r
0
5
nS
z
H
M
1
,
V
0
.
4
t
a
e
c
n
a
t
i
c
a
p
a
c
n
o
it
c
n
u
j
l
a
c
i
p
y
C
T
J
2
6
pF
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
R
T
θ C
J
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
it
c
n
u
j
g
n
it
a
r
e
p
T
O
J T
,
G
T
S
0
5
1
+
o
t
5
5
-
oC
TO-220F
400
400
20
TO-220 : 2
TO-220F : 4
Note
1.
Screw mounting with 4-40 screw,where washer diameteri
s≤4.9mm(0.19〃)
2.
Pulse test:300us pulse width,1% duty cycle


Similar Part No. - SFF2040CT

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SFF2040CT DYELEC-SFF2040CT Datasheet
770Kb / 3P
ULTRAFAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
SFF2040CT ZSELEC-SFF2040CT Datasheet
103Kb / 2P
20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Shanghai Leiditech Elec...
SFF2040CT LEIDITECH-SFF2040CT Datasheet
352Kb / 2P
Super fast rectifier Reverse voltage 400 volts forward current 20 ampers
More results

Similar Description - SFF2040CT

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
MUR16XXCT FS-MUR16XXCT Datasheet
358Kb / 2P
Glass passivated super fast rectifier Reverse voltage 400 to 600 volts forward current 16 ampers
MUR805CT FS-MUR805CT Datasheet
239Kb / 3P
Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600 Volts , Forward Current 8.0 Ampers
MUR1010CT FS-MUR1010CT Datasheet
219Kb / 2P
Glass passivated super fast rectifier Reverse voltage 100 to 600 volts forward current 10 ampers
MUR1505 FS-MUR1505 Datasheet
243Kb / 2P
Glass passivated super fast rectifier Reverse voltage 50 to 600 volts forward current 15.0 ampers
MUR2040FCT FS-MUR2040FCT Datasheet
379Kb / 2P
Super fast rectifier Reverse voltage 400 volts forward current 20 ampers
logo
Shanghai Leiditech Elec...
SFF2040CT LEIDITECH-SFF2040CT Datasheet
352Kb / 2P
Super fast rectifier Reverse voltage 400 volts forward current 20 ampers
logo
First Silicon Co., Ltd
MUR805 FS-MUR805 Datasheet
239Kb / 3P
Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600 Volts , Forward Current 8.0 Ampers
MUR1060 FS-MUR1060 Datasheet
138Kb / 2P
Glass passivated super fast rectifier Reverse voltage 600 volts forward current 10 ampers
MUR1560 FS-MUR1560 Datasheet
127Kb / 2P
Glass passivated super fast rectifier Reverse voltage 600 volts forward current 15 ampers
MURD1020CT FS-MURD1020CT Datasheet
220Kb / 3P
Super fast Rectifier Reverse Voltage 200 to 600 Volts, Forward Current 10Ampers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com