Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1545 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SL1545
Description  15.0Amp Surfacs Mounted Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SL1545 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SL1545 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SL1545 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SL1545 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
20
40
60
80
100
FIG. 4-TYPICAL REVERSE LEAKAGE CHARACTERISTICS
Ratings And Characteristic Curves
Suggested Pad Layout
PERCENT OF PEAK REVERSE VOLTAGE,%
100
10
1
0.1
0.01
0.001
TJ=100 C
TJ=25 C
SL1540-SL1560
SL1580-SL15100
0.073
0.169
Symbol
Unit (mm)
A
C1.50
D
0.211
4.30
1.85
E
B
Unit (inch)
0.059
5.35
0.142
3.60
350
300
250
200
150
100
50
0
Number of cycles
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT PERLEG
FIG. 1- DERATING CURVE OUTPUT RECTIFIED CURRENT
1
100
Lead Temperature
10
1Cycle
f=60Hz
24.0
21.0
18.0
15.0
12.0
9.0
6.0
3.0
0.0
0
20
40
60
80
100
120
140
160
FIG. 3-TYPICAL FORWARD VOLTAGE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
500
100
10
1
0.1
SL1540-SL1550
SL1560
SL1580-SL15100
TJ=25 C
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
SL1540~SL15100
Rev 2.0 :
www.leiditech.com
12.01.2019
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com