Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FJFT3-U16-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # FJFT3-U16-R
Description  Space-saving Plug-in Signal Conditioners F-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

FJFT3-U16-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  FJFT3-U16-R Datasheet HTML 1Page - M-System Co.,Ltd. FJFT3-U16-R Datasheet HTML 2Page - M-System Co.,Ltd. FJFT3-U16-R Datasheet HTML 3Page - M-System Co.,Ltd. FJFT3-U16-R Datasheet HTML 4Page - M-System Co.,Ltd. FJFT3-U16-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: FJFT
FJFT SPECIFICATIONS
ES-1479 Rev.11 Page 1/5
http://www.m-system.co.jp/
Space-saving Plug-in Signal Conditioners F-UNIT
FILTER/LAG TRANSMITTER
(field-programmable)
Functions & Features
• Providing various filter functions which eliminate
unnecessary elements in the input signals
• Microprocessor based
• On-site calibration via hand-held programmer PU-2x
• Field-programmable input range
• High-density mounting
Typical Applications
• Level control; eliminating drifts in the input signal caused
by pumps
26 (1.02)
100
(3.94)
mm (inch)
137
(5.39)
MODEL: FJFT[1]-[2][3]–[4][5]
ORDERING INFORMATION
• Code number: FJFT[1]-[2][3]-[4][5]
Specify a code from below for each of [1] through [5].
(e.g. FJFT1-6A-R/Q)
• Special input range (For codes U1, U2 & U3)
• Parameters (See "Functions" section)
Default setting will be used if not otherwise specified.
Use Ordering Information Sheet (No. ESU-1679) to specify
parameters.
• Specify the specification for option code /Q
(e.g. /C01/S01)
ITEM
DEFAULT
Sampling cycle: H
0.1
No. of samples to be calculated: N
1 (2 for mean aver-
age output filter)
Time constant: T
0.0
Max. rate of positive output change (CP)
200.00
Max. rate of negative output change (CN)
200.00
No. of smallest samples to be cut off (L)
0
No. of largest samples to be cut off (U)
0
[1] FUNCTION
1: Moving average output
2: Dead-time computing
3: Delay buffer
4: Lead-time computing
5: Ramp buffer
6: Mean average output
[2] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
Voltage
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
U1: Range ±100 mV;
(Minimum span 3 mV, Input resistance 20 kΩ min.)
U2: Range ±1000 mV;
(Minimum span 30 mV, Input resistance 20 kΩ min.)
U3: Range ±10 V;
(Minimum span 0.3 V,Input resistance 1 MΩ min.)
[3] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
Voltage
6: 1 – 5 V DC (Load resistance 500 Ω min.)
[4] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[5] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel


Similar Part No. - FJFT3-U16-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FJF MSYSTEM-FJF Datasheet
107Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJF-66-K MSYSTEM-FJF-66-K Datasheet
107Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJF-66-K/1 MSYSTEM-FJF-66-K/1 Datasheet
107Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJF-66-K/2 MSYSTEM-FJF-66-K/2 Datasheet
107Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJF-66-K/3 MSYSTEM-FJF-66-K/3 Datasheet
107Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FJFT3-U16-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FAC MSYSTEM-FAC Datasheet
97Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FRT MSYSTEM-FRT Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FPA MSYSTEM-FPA Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FMS MSYSTEM-FMS Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FLCS MSYSTEM-FLCS Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJV MSYSTEM-FJV Datasheet
108Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FJPA MSYSTEM-FJPA Datasheet
105Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJFX MSYSTEM-FJFX Datasheet
108Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FTG MSYSTEM-FTG Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FSE MSYSTEM-FSE Datasheet
97Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com