Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMT4 Datasheet(PDF) 2 Page - Rohm

Part # IMT4
Description  General purpose (dual transistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMT4 Datasheet(HTML) 2 Page - Rohm

  IMT4 Datasheet HTML 1Page - Rohm IMT4 Datasheet HTML 2Page - Rohm IMT4 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IMT4
Transistors
Rev.A
2/2
Electrical characteristic curves
0
−20
−16
−12
−8
−4
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
−2
−4
−6
−8
−10
Fig.1 Ground emitter output characteristics
Ta
=25°C
−25.0
−22.5
−20.0
−17.5
−15.0
−12.5
−10.0
−7.5
−5.0
−2.5µA
IB
=0
500
200
100
50
−0.2
−0.5
−1
−2
−5
−10
−20
−50
Fig.3 DC current gain vs. collector current
COLLECTOR CURRENT : IC
(mA)
Ta
=25°C
VCE
= −1V
−5V
0
−1.6
−1.4
−1.2
−1.0
−0.8
−0.6
−0.4
−0.2
BASE TO EMITTER VOLTAGE : VBE (V)
−0.1
−0.2
−0.5
−1
−2
−5
−10
−20
−50
Fig.2 Ground emitter propagation
characteristics
VCE
= −6V
Ta
=25°C
−0.05
−0.1
−0.2
−0.5
−0.2
−0.5
−1
−2
−5
−10
−20
−50
Fig.4 Collector-Emitter saturation voltage
vs. collector current
COLLECTOR CURRENT : IC
(mA)
Ta
=25°C
IC/IB
=50/1
20/1
10/1
500
200
100
50
0.5
1
2
5
10
20
50
VCE
= −6V
Fig.5 Transition frequency
vs. emitter current
EMITTER CURRENT : IE
(mA)
Ta
=25°C
10
20
5
2
1
−0.5
−1
−2
−5
−10
−20
f
=1MHZ
IE
=0A
Fig.6 Collector output capacitance
vs. collector-base voltage
COLLECTOR TO BASE VOLTAGE : VCB
(V)
Ta
=25°C
Cob
10
20
5
2
1
−0.5
−1
−2
−5
−10
−20
Fig.7 Emitter input capacitance
vs. emitter-base voltage
EMITTER TO BASE VOLTAGE : VEB
(V)
Cib
f
=1MHZ
IC
=0A
Ta
=25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com