Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRTD-R-CZ-K Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # FRTD-R-CZ-K
Description  Space-saving Plug-in Signal Conditioners F-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

FRTD-R-CZ-K Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  FRTD-R-CZ-K Datasheet HTML 1Page - M-System Co.,Ltd. FRTD-R-CZ-K Datasheet HTML 2Page - M-System Co.,Ltd. FRTD-R-CZ-K Datasheet HTML 3Page - M-System Co.,Ltd. FRTD-R-CZ-K Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: FRTD
FRTD SPECIFICATIONS
ES-1485 Rev.6 Page 2/4
http://www.m-system.co.jp/
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[5] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Equation:
Xo = KXi + B for positive ratio;
Xo = F – K Xi + B for negative ratio
where
Xo : output (%)
Xi: input (%)
K: ratio
(0.1 – 3.99 conformance range)
B: bias (-99 – +99 %)
F: 100 %
(factory setting:
K = 1, B = 0 %)
Ratio/bias adjustment: 3-digit thumbwheel switches
INPUT
0
50
100%
100%
0
50
1
2
4
3
5
6
[Examples of Positive Gain]
1
K = 1
2
K = 0.5
3
K = 2
4
K = 1
5
K = 0.5
6
K = 1
B = 50%
B = 50%
B = 0
B = 0
B = 0
B = –50%
INPUT
0
50
100%
100%
0
50
1
2
4
3
5
6
[Examples of Negative Gain]
1
K = 1
2
K = 0.5
3
K = 2
4
K = 1
5
K = 0.5
6
K = 1
B = 50%
B = –50%
B = 0
B = 0
B = 0
B = –50%
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
Specify input resistance value for code Z.
■ DC Voltage: -300 – +300 V DC
Minimum span: 3 mV
Offset: Max. 1.5 times span
Input resistance
Span 3 – 10 mV : ≥ 10 kΩ
Span 10 – 100 mV : ≥ 10 kΩ
Span 0.1 – 1 V : ≥ 100 kΩ
Span ≥ 1 V : ≥ 1 MΩ
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 15 V max.
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max. at ≥ 0.5 V
INSTALLATION
Power input
•AC: Approx. 4.5 VA
•DC: 24 V approx. 70 mA
110 V approx. 20 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail; Standard Rack Mounting
Frame BX-16H available
Weight: 200 g (0.44 lb)
PERFORMANCE in percentage of span
Ratio setting accuracy: ±0.2 %
(at 0.1 – 3.99 conformance range)
Bias setting accuracy: ±1 %
Accuracy: ±0.3 % (with ratio = 1, bias = 0 %)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength
Power input code R:
1000 V AC @ 1 minute (input to output)
2000 V AC @ 1 minute (input or output or power to ground)
500 V AC @ 1 minute (I/O to power)
Power input code K, L, P:
1000 V AC @ 1 minute (input to output)
2000 V AC @ 1 minute (input or output or power to ground)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com