Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB16 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # EB16
Description  EB16 OPTICAL SINGLE MODE AND MULTIMODE PIN AND SOCKET TERMINI
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

EB16 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  EB16 Datasheet HTML 1Page - TE Connectivity Ltd EB16 Datasheet HTML 2Page - TE Connectivity Ltd EB16 Datasheet HTML 3Page - TE Connectivity Ltd EB16 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3
AEROSPACE, DEFENSE & MARINE / EB16 OPTICAL SINGLE MODE AND MULTIMODE PIN AND SOCKET TERMINI
INDUSTRIES
• Military Ground and Aviation
• Commercial Aviation
• Space
• Harsh Environment Industrial
APPLICATIONS/MARKETS
• Radar and Sensor Systems
• Rugged Communications Networks
• Fixed Wing and Rotary Aircraft
• Unmanned Aerial Vehicles
• Commercial Avionics and Sensing
• Military Avionics, Sensing and Ordnance
• Military Ground Vehicles
MECHANICAL/ENVIRONMENTAL
•
Terminus Durability: >1000 mating cycles
•
Sinusoidal Vibration: TIA/EIA-455-11D, Test Condition IV, 60 g
•
Random Vibration: TIA/EIA-455-11D, Test Condition VI-J,
37.8 g(rms)
•
Mechanical Shock: TIA/EIA-455-14A, Test Condition D, 300 g
•
Thermal Cycling: TIA/EIA-455-3B, Test Condition C-2,
-65˚C/+165˚C
•
Thermal Shock: TIA/EIA-455-1A, Schedule C-0, -55˚C/+125˚C
•
Humidity-Temperature Cycling: TIA/EIA-455-5C, Method B
•
Altitude Immersion: EIA/TIA-455-15A, 100,000 ft
•
Cable Pull: TIA/EIA-455-6-B/SAE-AS13441, 66.7N
(15.0 lbf)
MATERIALS
•
Metal Components: Nickel-plated brass
•
Ferrule and Split Sleeve: Zirconia
•
Ball Lens: Glass, with anti-reflection coating
•
Protective Cap: Vinyl
OPTICAL
•
Insertion Loss (Random Mate):
Single Mode: 1.60 dB max. (mean 0.78 dB) @ 1310
and 1550 nm
Multimode: 1.10 dB max (mean 0.78 dB) @ 850 and 1300 nm
•
Return Loss:
Single Mode (Mated): > 30 dB (Mean 37 dB)
Multimode (Mated): > 25 dB (Mean 36 dB)
•
Operating Temperature: -65˚C to +165˚C
The performance data reflects the qualification test results using Tight
Toleranced 38999 connectors (the results may vary with different
manufacturers connector products and cable type used)
STANDARDS AND SPECIFICATIONS
•
Industry Standards: SAE AS3 AS8438 (AS6250), AS6251 and
ARINC 845
TERMINATION PROCEDURE*
• 408-163020
PART NUMBERS
Description
Part Number
Fiber Hole [um]
(Nominal)
EB16-SM Pin
2313255-1
126
EB16-SM Pin
2313255-2
126.5
EB16-SM Socket
2313256-1
126
EB16-SM Socket
2313256-2
126.5
EB16-MM Pin
2332897-1
126.5
EB16-MM Socket
2333899-1
126.5
Socket Curing Fixture
2828502-1*
N/A
Pin Curing Fixture
2828502-2*
N/A
Mated EB16 Pin and Socket Termini
Expanded Beam Technology



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com