Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-OUTMBK Datasheet(PDF) 2 Page - Microsemi Corporation

Part # PD-OUTMBK
Description  Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD-OUTMBK Datasheet(HTML) 2 Page - Microsemi Corporation

  PD-OUTMBK Datasheet HTML 1Page - Microsemi Corporation PD-OUTMBK Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Part Number
Name
Description
PD-9501GO/12-24VDC
Microsemi PD-9501GO
1-port, 60W 802.3at
Gigabit PoE outdoor
midspan with 12-24VDC
input
PD-OUT/MBK
Microsemi OUT MBK
Mounting brackets for
outdoor unit
Microsemi PD-OUT/MBK Kit
PD-9501GO/12-24VDC with outdoor mounting bracket
PD-9501GO/12-24VDC Midspan
©2014 Microsemi Corporation. All rights reserved. Microsemi and the Microsemi logo are trademarks of Microsemi Corporation. All other trademarks
and service marks are the property of their respective owners.
MSC-PD-DS-9501GO/12-24VDC5.14
Microsemi Corporation (Nasdaq: MSCC) offers a comprehensive portfolio of semiconductor and system solutions
for communications, defense & security, aerospace and industrial markets. Products include high-performance and
radiation-hardened analog mixed-signal integrated circuits, FPGAs, SoCs and ASICs; power management products;
timing and synchronization devices and precise time solutions, setting the world’s standard for time; voice processing
devices; RF solutions; discrete components; security technologies and scalable anti-tamper products; Power-over-
Ethernet ICs and midspans; as well as custom design capabilities and services. Microsemi is headquartered in Aliso
Viejo, Calif., and has approximately 3,400 employees globally. Learn more at www.microsemi.com.
Microsemi Corporate Headquarters
One Enterprise, Aliso Viejo, CA 92656 USA
Within the USA: +1 (800) 713-4113
Outside the USA: +1 (949) 380-6100
Sales: +1 (949) 380-6136
Fax: +1 (949) 215-4996
email: sales.support@microsemi.com
www.microsemi.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com