Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-OUTSP11 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # PD-OUTSP11
Description  Outdoor PoE Lightning Surge Protector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD-OUTSP11 Datasheet(HTML) 1 Page - Microsemi Corporation

  PD-OUTSP11 Datasheet HTML 1Page - Microsemi Corporation PD-OUTSP11 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data & Power
Power
Data
PD-OUT/SP11
Outdoor PoE Lightning Surge Protector
Power Matters.™
PD-OUT/SP11 Specifications
No. of Ports
1
Pass Through Data Rates
10/100/1000 Mbps
Surge Handling Capability
10kv, 5kA to ground in 8/20 µs,
800v, 100A PoE
DC Input
Input Power: 95W maximum
Input Current: 2A max
Dimensions
30 mm (W) x 30 mm (H) x 190 mm (L)
1.18 in. x 1.18 in. x 7.48 in
Weight
.6 lbs (270g)
Connectors
Shielded RJ-45
Environmental
Operating Ambient Temperature:
Conditions
-40º to 185ºF (-40 to 85ºC)
Operating Humidity:
Maximum 95%, Non-condensing
Storage Temperature:
-40º to 185ºF (-40 to 85ºC)
Storage Humidity:
Maximum 95%, Non-condensing
Reliability
MTBF: 400,000 hrs. @25ºC
Warranty
1-year
Regulatory
REACH, RoHS, WEEE, IEC60529 level
Compliance
IP66, NEMA 250, level 4x
Immunity to Surges
IEC61643-21, GR1089, ITU-T K.45
Safety Approvals
UL 497B
Overview
The PD-OUT-SP11 is a high quality surge protection device designed to
protect indoor Ethernet networks from lighting that may come from outdoor
environment through the Ethernet cable. The product is enclosed in a metal
weatherproof enclosure, meeting IP66. It can be easily mounted on a wall or
a pole. The SP device can be installed before the cable enters the building
to protect the indoor network or immediately adjacent to the wall- or pole-
mounted outdoor device (i.e. WLAN AP, IP Camera, etc).
PD-OUT/SP11 Features
• Supports data rates of up to 1Gbps
• Protects up to 10KV surge
• All eight lines protected including PoE
• Waterproof—IP66 rated
• UL Certified
• Can be wall or pole mounted
Indoor Ceiling-mounted
PTZ Dome Camera
Switch
Indoor Main Building
Outdoor
UPS
Outdoor
Wall-mounted
Security Camera
Surge
Protector
Surge
Protector
PoE Midspan
Optional
Surge
Protector
Outdoor
Midspan
Outdoor
Pole-mounted
WLAN Access
Point
Management
Station


Similar Part No. - PD-OUTSP11

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PD-OUT/MBK/ET MICROCHIP-PD-OUT/MBK/ET Datasheet
317Kb / 2P
Single-Port, IP67, IEEE 802.3bt Type3, 60W Outdoor PoE Midspan With Extended Temperature Range
2/20
PD-OUT/MBK/S MICROCHIP-PD-OUT/MBK/S Datasheet
531Kb / 3P
4 1 Outdoor Switch, 60W Per Port, Managed PoE, AC Input
11/20
logo
Microsemi Corporation
PD-OUTMBK MICROSEMI-PD-OUTMBK Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
PD-OUTMBK MICROSEMI-PD-OUTMBK Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
More results

Similar Description - PD-OUTSP11

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
R-781BWZ-4 OKAYA-R-781BWZ-4 Datasheet
414Kb / 2P
SURGE PROTECTOR
R-411PVF OKAYA-R-411PVF Datasheet
213Kb / 1P
SURGE PROTECTOR
logo
Bourns Electronic Solut...
1830T1 BOURNS-1830T1 Datasheet
395Kb / 1P
Surge Protector
logo
MORNSUN Science& Techno...
FS-TD01D MORNSUN-FS-TD01D Datasheet
124Kb / 2P
EMC lightning surge protector
logo
Red Lion Controls. Inc
SP-TELCO REDLION-SP-TELCO Datasheet
275Kb / 1P
Telephone Line Surge and Lightning Protector
SP-ETH-2 REDLION-SP-ETH-2 Datasheet
392Kb / 1P
10/100BaseT(X) Ethernet Surge and Lightning Protector
logo
Bourns Electronic Solut...
1530-1 BOURNS-1530-1 Datasheet
194Kb / 3P
PoE Ethernet Surge Protector
logo
M-System Co.,Ltd.
MD73W MSYSTEM-MD73W Datasheet
122Kb / 3P
Lightning Surge Protectors for Lightning Surge Protectors for
logo
Littelfuse
SP3384NUTG LITTELFUSE-SP3384NUTG Datasheet
520Kb / 5P
Lightning Surge Protection
2021 Littelfuse, Inc
logo
DONG IL TECHNOLOGY LTD.
SP-1000 DIT-SP-1000 Datasheet
5Mb / 2P
Surge Protector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com