Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX11656 Datasheet(PDF) 21 Page - Synaptics Incorporated.

Part # CX11656
Description  Home Networking Physical Layer Device with Integrated Analog Front End Circuitry Data Sheet (Preliminary)
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX11656 Datasheet(HTML) 21 Page - Synaptics Incorporated.

Back Button CX11656 Datasheet HTML 17Page - Synaptics Incorporated. CX11656 Datasheet HTML 18Page - Synaptics Incorporated. CX11656 Datasheet HTML 19Page - Synaptics Incorporated. CX11656 Datasheet HTML 20Page - Synaptics Incorporated. CX11656 Datasheet HTML 21Page - Synaptics Incorporated. CX11656 Datasheet HTML 22Page - Synaptics Incorporated. CX11656 Datasheet HTML 23Page - Synaptics Incorporated. CX11656 Datasheet HTML 24Page - Synaptics Incorporated. CX11656 Datasheet HTML 25Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
CX11656 HomePlug 1.0 PHY Data Sheet
102069A
Conexant Proprietary and Confidential Information
3-1
3.
CX11656 Functional Description
The interfaces that provide data, status, and control to and from the CX11656 include:
•
External host interface provided via the Media Independent Interface (MII) format
(described by IEEE 802.3u, Clause 22) or a General Purpose Serial Interface (GPSI)
•
Management control provided via the Management Data Interface (MDI) or the
Serial Peripheral Interface (SPI)
•
Analog Front End interface
•
LEDs indicating network status
•
Optional EEPROM interface providing a path to initialize the CX11656
•
The JTAG port implements the IEEE 1149.1 Standard Test Access Port and
Boundary Scan Architecture.
A block diagram of the CX11656 PHY is shown in Figure 3-1.
Figure 3-1. CX11656 PHY Block Diagram
102069_005
MII/GPSI
Interface
RISC
uProcessor Core
Interface
DMA
Buffer
RAM
Link
Sequencer
Arbiter
Configuration
Registers
ADIO[9:0]
MDI
or SPI
JTAG
PHY
Seq
PHY
Core
AFE
Logic
FIFOs
SPI
Master
PHY
DMA
ROM
ROM
LEDs
Interface Block
MAC
PHY
AGC [7:0]
MDII
or GPSI
TEST
EEPROM
CX11656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com