Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331 Datasheet(PDF) 4 Page - ON Semiconductor

Part # TL331
Description  Comparator, Single Channel, Open Collector, Low Power, Wide Supply Range
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL331 Datasheet(HTML) 4 Page - ON Semiconductor

  TL331 Datasheet HTML 1Page - ON Semiconductor TL331 Datasheet HTML 2Page - ON Semiconductor TL331 Datasheet HTML 3Page - ON Semiconductor TL331 Datasheet HTML 4Page - ON Semiconductor TL331 Datasheet HTML 5Page - ON Semiconductor TL331 Datasheet HTML 6Page - ON Semiconductor TL331 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TL331, TL331V
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 1. Low−to−High Propagation Delay vs.
Overdrive at 2 V Supply
Figure 2. High−to−Low Propagation Delay vs.
Overdrive at 2 V Supply
TIME (
ms)
TIME (
ms)
1.4
1.2
0.8
0.6
0.4
0.2
0
−0.2
−0.15
−0.10
−0.05
0
0.05
0.10
0.15
1.0
0.8
0.6
0.4
0.2
0
−0.2
1.0
1.6
−0.15
−0.10
−0.05
0
0.05
0.10
0.15
−1.0
−0.5
0
0.5
1.0
1.5
2.0
−1.0
−0.5
0
0.5
1.0
1.5
2.0
VS = 2 V
RPU = 5.1 k
CL = 15 pF
TA = 25°C
Input
5 mV
20 mV
100 mV
VS = 2 V
RPU = 5.1 k
CL = 15 pF
TA = 25°C
Input
5 mV
20 mV
100 mV
Figure 3. Low−to−High Propagation Delay vs.
Overdrive at 5 V Supply
Figure 4. High−to−Low Propagation Delay vs.
Overdrive at 5 V Supply
TIME (
ms)
TIME (
ms)
1.4
1.2
0.8
0.6
0.4
0.2
0
−0.2
−0.15
−0.10
−0.05
0
0.05
0.10
0.15
1.0
0.8
0.6
0.4
0.2
0
−0.2
1.0
1.6
−0.15
−0.10
−0.05
0
0.05
0.10
0.15
−3
−2
−1
0
1
2
3
−3
−2
−1
0
1
2
3
VS = 5 V
RPU = 5.1 k
CL = 15 pF
TA = 25°C
Input
5 mV
20 mV
100 mV
VS = 5 V
RPU = 5.1 k
CL = 15 pF
TA = 25°C
Input
5 mV
20 mV
100 mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com