Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL331V Datasheet(PDF) 3 Page - ON Semiconductor

Part # TL331V
Description  Comparator, Single Channel, Open Collector, Low Power, Wide Supply Range
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL331V Datasheet(HTML) 3 Page - ON Semiconductor

  TL331V Datasheet HTML 1Page - ON Semiconductor TL331V Datasheet HTML 2Page - ON Semiconductor TL331V Datasheet HTML 3Page - ON Semiconductor TL331V Datasheet HTML 4Page - ON Semiconductor TL331V Datasheet HTML 5Page - ON Semiconductor TL331V Datasheet HTML 6Page - ON Semiconductor TL331V Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TL331, TL331V
www.onsemi.com
3
Table 4. ELECTRICAL CHARACTERISTICS (Vs=+5.0 V, At TA = +25°C, VCM = mid−supply, unless otherwise noted)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
Vo = 1.4 V,
RS = 0 W,
VS = 5 V to 30 V
VCM = 0 to
VCC −1.5 V
1
5
mV
VCM = 0 to
VCC −2 V
9
mV
Input Bias Current
IIB
−25
−250
nA
−400
nA
Input Offset Current
IOS
5
50
nA
150
nA
Input Common Mode Range
(Note 6)
VICMR
0
VCC – 1.5
V
Differential Input Voltage
(Note 7)
VID
VCC
V
OUTPUT CHARACTERISTICS
Output Voltage Low
VOL
VID = −1 V, IO = 4 mA
150
400
mV
700
mV
Output Sink Current
IO
VID = −1 V, VO = 1.5 V
6
16
mA
Output Leakage Current
IOH
VID = 1 V, VCC = VO = 5 V
0.1
50
nA
VID = 1 V, VCC = VO = 30 V
1
mA
DYNAMIC PERFORMANCE
Large Signal Differential
Voltage Gain
AVD
VCC = 15 V, RPU = 15 kW,
VO = 1.4 V to 11.4 V
50
200
V/mV
Propagation Delay L−H
(Note 8)
tPLH
5 mV overdrive, RPU = 5.1 kW
850
ns
20 mV overdrive, RPU = 5.1 kW
600
ns
100 mV overdrive, RPU = 5.1 kW
400
ns
TTL Input, Vref = +1.4 V,
RPU = 5.1 kW
300
ns
Propagation Delay H−L
tPHL
5 mV overdrive, RPU = 5.1 kW
700
ns
20 mV overdrive, RPU = 5.1 kW
400
ns
100 mV overdrive, RPU = 5.1 kW
250
ns
TTL Input, Vref = +1.4 V,
RPU = 5.1 kW
300
ns
POWER SUPPLY
Quiescent Current
ICC
No load, VCC = 5 V
0.5
0.7
mA
No load, VCC = 30 V
0.6
1.25
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. The input common mode voltage of either input signal should not be allowed to go negative by more than 0.3 V. The upper end of the common
mode voltage range is VCC – 1.5 V, but either or both inputs can go to +36 V without damage.
7. Positive excursions of the input voltage may exceed the power supply level. As long as the other voltage remains within the common mode
range, the comparator will provide a proper output stage. The low input voltage state must not be less than 0.3 V below the negative supply
rail.
8. TL331 is an open collector comparator. Rise time is a function of the RC time constant. A 5.1 k
W pull−up resistor was used for these
measurements.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com