Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV431 Datasheet(PDF) 4 Page - ON Semiconductor

Part # TLV431
Description  Low Voltage Precision Adjustable Shunt Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV431 Datasheet(HTML) 4 Page - ON Semiconductor

  TLV431 Datasheet HTML 1Page - ON Semiconductor TLV431 Datasheet HTML 2Page - ON Semiconductor TLV431 Datasheet HTML 3Page - ON Semiconductor TLV431 Datasheet HTML 4Page - ON Semiconductor TLV431 Datasheet HTML 5Page - ON Semiconductor TLV431 Datasheet HTML 6Page - ON Semiconductor TLV431 Datasheet HTML 7Page - ON Semiconductor TLV431 Datasheet HTML 8Page - ON Semiconductor TLV431 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TLV431, NCV431, SCV431
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
TLV431C
Unit
Min
Typ
Max
Reference Voltage (Figure 3)
(VKA = Vref, IK = 10 mA, TA = 25°C)
(TA = Tlow to Thigh, Note 5)
Vref
1.237
1.228
1.240
−
1.243
1.252
V
Reference Input Voltage Deviation Over Temperature (Figure 3)
(VKA = Vref, IK = 10 mA, TA = Tlow to Thigh, Notes 5, 6, 7)
DVref
−
7.2
20
mV
Ration of Reference Input Voltage Change to Cathode Voltage Change (Figure 4)
(VKA = Vref to 16 V, IK = 10 mA)
DVref
DVKA
−
−0.6
−1.5
mV
V
Reference Terminal Current (Figure 4)
(IK = 10 mA, R1 = 10 kW, R2 = open)
Iref
−
0.15
0.3
mA
Reference Input Current Deviation Over Temperature (Figure 4)
(IK = 10 mA, R1 = 10 kW, R2 = open, Notes 5, 6, 7)
DIref
−
0.04
0.08
mA
Minimum Cathode Current for Regulation (Figure 3)
IK(min)
−
30
80
mA
Off−State Cathode Current (Figure 5)
(VKA = 6.0 V, Vref = 0)
(VKA = 16 V, Vref = 0)
IK(off)
−
−
0.01
0.012
0.04
0.05
mA
Dynamic Impedance (Figure 3)
(VKA = Vref, IK = 0.1 mA to 20 mA, f ≤ 1.0 kHz, Note 8)
|ZKA|
−
0.25
0.4
W
5. Ambient temperature range: Tlow = *40°C, Thigh = 85°C.
6. Guaranteed but not tested.
7. The deviation parameters DVref and DIref are defined as the difference between the maximum value and minimum value obtained over the
full operating ambient temperature range that applied.
Vref Max
Vref Min
T1
T2
Ambient Temperature
DVref = Vref Max − Vref Min
DTA = T2 − T1
The average temperature coefficient of the reference input voltage, aVref is defined as:
αVref
ppm
°C +
(DVref)
Vref (TA+ 25°C)
106
DTA
aVref can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature, refer to Figure 8.
Example: DVref = 7.2 mV and the slope is positive,
Example: Vref @ 25°C = 1.241 V
Example: DTA = 125°C
αVref
ppm
°C +
0.0072
1.241
125
+ 46 ppm °C
106
8. The dynamic impedance ZKA is defined as:
⏐ZKA⏐ +
DVKA
DIK
When the device is operating with two external resistors, R1 and R2, (refer to Figure 4) the total dynamic impedance of the circuit is given by:
⏐ZKA′⏐ + ⏐ZKA⏐
1 ) R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com