Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPP Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # HPP
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HPP Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  HPP Datasheet HTML 1Page - M-System Co.,Ltd. HPP Datasheet HTML 2Page - M-System Co.,Ltd. HPP Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: HPP
HPP SPECIFICATIONS
ES-3461 Rev.9 Page 1/3
http://www.m-system.co.jp/
Space-saving Plug-in Signal Conditioners H-UNIT
PULSE ISOLATOR
Functions & Features
• Galvanically isolating pulse rate signals
• Input frequency = output frequency
• Various outputs (open collector, voltage pulses and photo
MOSFET relay pulse)
• High-density mounting
Typical Applications
• Isolating field pulse signals in order to reduce noises
• Changing e.g. dry contact signal to e.g. 5 V signals
26 (1.02)
93
(3.66)
mm (inch)
137
(5.39)
MODEL: HPP–[1][2]–R[3]
ORDERING INFORMATION
• Code number: HPP–[1][2]–R[3]
Specify a code from below for each of [1] through [3].
(e.g. HPP-33-R/Q)
• Frequency range (e.g. 0 – 1000 Hz)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
1: Mechanical contact (max. 30 Hz)
2: Open collector (max. 10 kHz)
3: Voltage pulse (max. 10 kHz)
[2] OUTPUT
1: Low frequency open collector (max. 30 Hz)
2: High frequency open collector (max. 10 kHz)
3: 5 V pulse (max. 10 kHz)
4: 12 V pulse (max. 10 kHz)
5: 24 V pulse (max. 10 kHz)
8: Photo MOSFET relay pulse (max. 30 Hz)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Frequency range: Input and output are the same.
Chattering protection: Filter provided for mechanical
contact input
INPUT SPECIFICATIONS
Excitation: 12V DC ±2 V @ 30 mA; shortcircuit protection
■ Open Collector
Maximum frequency: 10 kHz
Pulse width time requirement: 10 μsec. min. for ON and OFF
Sensing: Approx. 12 V DC @3 mA
ON/OFF level: ≤ 200 Ω / 0.6 V for ON, ≥ 100 kΩ / 6 V for OFF
■ Mechanical Contact
Maximum frequency: 30 Hz
Pulse width time requirement: 10 msec. min. for ON and
OFF
Sensing: Approx. 12 V DC @3 mA
ON/OFF level: ≤ 200 Ω / 0.6 V for ON, ≥ 100 kΩ / 6 V for OFF
■ Voltage Pulse
Maximum frequency: 10 kHz
Pulse width time requirement: 10 μsec. min. for high and
low levels
Waveforms: Square or sine
Hi/Lo level: 2 – 50 V for high level; ≤1 V for low level
Input impedance: 10 kΩ min.
OUTPUT SPECIFICATIONS
■ Low Frequency Open Collector
50 V DC @ 100 mA (resistive load)
Maximum frequency: 30 Hz


Similar Part No. - HPP

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
HPP ALPHAWIRE-HPP Datasheet
119Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
08/15/2018
logo
BOSER Technology Co., L...
HPP-6S BOSER-HPP-6S Datasheet
185Kb / 1P
19" 3U High, Full-size Rackmount Chassis with MainBoard, Riser Card, 300W ATX P/S
logo
Alpha Wire
HPP11 ALPHAWIRE-HPP11 Datasheet
402Kb / 2P
ROHS CERTIFICATE OF COMPLIANCE
HPP11 ALPHAWIRE-HPP11_V01 Datasheet
402Kb / 2P
RoHS-Compliant Commencing With 1/1/2017 Production
HPP13 ALPHAWIRE-HPP13 Datasheet
402Kb / 2P
RoHS-Compliant Commencing With 1/1/2017 Production
More results

Similar Description - HPP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HPE MSYSTEM-HPE Datasheet
101Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJPA MSYSTEM-HJPA Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJFT MSYSTEM-HJFT Datasheet
193Kb / 5P
Space-saving Plug-in Signal Conditioners H-UNIT
HJF MSYSTEM-HJF Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJDL MSYSTEM-HJDL Datasheet
138Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HAS MSYSTEM-HAS Datasheet
137Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
HVS MSYSTEM-HVS Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HVP MSYSTEM-HVP Datasheet
111Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HSP MSYSTEM-HSP Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPR MSYSTEM-HPR Datasheet
127Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com