Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDU Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # HDU
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HDU Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  HDU Datasheet HTML 1Page - M-System Co.,Ltd. HDU Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: HDU
HDU SPECIFICATIONS
ES-3428 Rev.6 Page 1/2
http://www.m-system.co.jp/
Space-saving Plug-in Signal Conditioners H-UNIT
CURRENT LOOP SUPPLY
(10 – 50 mA loop)
Functions & Features
• Powering a 10 – 50 mA DC current loop
• Isolation
• Shortcircuit protection
• Applicable to smart transmitters
• High-density mounting
Typical Applications
• Various 2-wire transmitters
26 (1.02)
93
(3.66)
mm (inch)
137
(5.39)
MODEL: HDU–24–R[1]
ORDERING INFORMATION
• Code number: HDU-24-R[1]
Specify a code from below for [1].
(e.g. HDU-24-R/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
SUPPLY OUTPUT
24: 24 V DC
INPUT
Current
10 – 50 mA DC
OUTPUT
Voltage
1-5 V DC (Load resistance 50 kΩ min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
SUPPLY OUTPUT
Output voltage: 24 – 28 V DC with no load
Current rating: ≤ 55mA DC
• Shortcircuit Protection
Current limited: Approx. 65 mA
Protected time duration: No limit
INPUT SPECIFICATIONS
Equivalent input impedance: Approx. 100 Ω at 50 mA
INPUT CURRENT [mA]
10
30
50
6.0
approx.
4.8
4.0
approx. 6.0
5.0
INSTALLATION
Current consumption: Approx. 100 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail; Standard Rack Mounting
Frame BX-16H available
Weight: 200 g (0.44 lb)


Similar Part No. - HDU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HDU100 VISHAY-HDU100 Datasheet
185Kb / 4P
Ceramic High Voltage Disc Capacitors, Class 1
31-Jan-2006
logo
HITRON ELECTRONICS CORP...
HDU100 HITRON-HDU100 Datasheet
307Kb / 4P
DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT
logo
Total Power Internation...
HDU100-A-10 TOTAL-POWER-HDU100-A-10 Datasheet
427Kb / 4P
DC-DC CONVERTER 19 COMPATIBLE EUROCARD MULTIPLEV OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES HDU45, HDU60 AND HDU100 SERIES
logo
HITRON ELECTRONICS CORP...
HDU100-A-10 HITRON-HDU100-A-10 Datasheet
307Kb / 4P
DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT DC-DC CONVERTER 19" COMPATIBLE EUROCARD MULTI-OUTPUT
logo
Total Power Internation...
HDU100-A-11 TOTAL-POWER-HDU100-A-11 Datasheet
427Kb / 4P
DC-DC CONVERTER 19 COMPATIBLE EUROCARD MULTIPLEV OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES HDU45, HDU60 AND HDU100 SERIES
More results

Similar Description - HDU

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HPE MSYSTEM-HPE Datasheet
101Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJPA MSYSTEM-HJPA Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJFT MSYSTEM-HJFT Datasheet
193Kb / 5P
Space-saving Plug-in Signal Conditioners H-UNIT
HJF MSYSTEM-HJF Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJDL MSYSTEM-HJDL Datasheet
138Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HAS MSYSTEM-HAS Datasheet
137Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
HVS MSYSTEM-HVS Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HVP MSYSTEM-HVP Datasheet
111Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HSP MSYSTEM-HSP Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPR MSYSTEM-HPR Datasheet
127Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com