Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4448 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 4448
Description  Air solenoid valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

4448 Datasheet(HTML) 1 Page - Festo Corporation.

  4448 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Air solenoid valve
MFH-5-PK-3
Part number: 4448
Data sheet
Feature
Value
Valve function
5/2, monostable
Standard nominal flow rate
105 l/min
Pneumatic working port
PK-3
Operating pressure
3 bar ... 8 bar
Design
Plate seat
Nominal width
2.5 mm
Type code
MFH
Sealing principle
Soft
Symbol
00991435
Switching time off
22 ms
On switching time
10 ms
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-5 °C ... 40 °C
Product weight
270 g
Type of mounting
Optionally:
On sub-base
On mounting frame
With through-hole
Pneumatic connection 1
PK-3
Pneumatic connection 2
PK-3
Pneumatic connection 3
PK-3
Pneumatic connection 4
PK-3
Pneumatic connection 5
PK-3
Note on materials
RoHS-compliant
Material of sub-base
Aluminum
Anodized
Seals material
NBR
Housing material
Aluminum
Anodized
4/8/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 4448

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
4448 ADAFRUIT-4448 Datasheet
1Mb / 2P
USB Type A Plug Breakout Cable with Premium Female Jumpers 30cm long
logo
API Delevan
4448-02M API-4448-02M Datasheet
1Mb / 1P
Surface Mount High Current Power Toroids
4448-04M API-4448-04M Datasheet
1Mb / 1P
Surface Mount High Current Power Toroids
4448-06M API-4448-06M Datasheet
1Mb / 1P
Surface Mount High Current Power Toroids
4448-08M API-4448-08M Datasheet
1Mb / 1P
Surface Mount High Current Power Toroids
More results

Similar Description - 4448

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com