Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT12P10G-TN3-R Datasheet(PDF) 6 Page - VBsemi Electronics Co.,Ltd

Part # UTT12P10G-TN3-R
Description  P-Channel 100 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UTT12P10G-TN3-R Datasheet(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  UTT12P10G-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UTT12P10G-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UTT12P10G-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UTT12P10G-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UTT12P10G-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UTT12P10G-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UTT12P10G-TN3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UTT12P10G-TN3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UTT12P10G-TN3-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TO-252AA Case Outline
Notes
• Dimension L3 is for reference only.
b
b2
e1
E1
C
A1
e
b3
E
C2
A
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
A
2.18
2.38
0.086
0.094
A1
-
0.127
-
0.005
b
0.64
0.88
0.025
0.035
b2
0.76
1.14
0.030
0.045
b3
4.95
5.46
0.195
0.215
C
0.46
0.61
0.018
0.024
C2
0.46
0.89
0.018
0.035
D
5.97
6.22
0.235
0.245
D1
4.10
-
0.161
-
E
6.35
6.73
0.250
0.265
E1
4.32
-
0.170
-
H
9.40
10.41
0.370
0.410
e
2.28 BSC
0.090 BSC
e1
4.56 BSC
0.180 BSC
L
1.40
1.78
0.055
0.070
L3
0.89
1.27
0.035
0.050
L4
-
1.02
-
0.040
L5
1.01
1.52
0.040
0.060
ECN: T16-0236-Rev. P, 16-May-16
DWG: 5347
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
UTT12P10G-TN3-R
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com