Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT12P10L-TN3-R Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # UTT12P10L-TN3-R
Description  P-Channel 100 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UTT12P10L-TN3-R Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  UTT12P10L-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UTT12P10L-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UTT12P10L-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UTT12P10L-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UTT12P10L-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UTT12P10L-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UTT12P10L-TN3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UTT12P10L-TN3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UTT12P10L-TN3-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Single Pulse Avalanche Current Capability vs. Time
1
10
100
Time (s)
T
J = 150 °C
T
J = 25 °C
10-3
10-2
10-1
10-4
10-6
10-5
Safe Operating Area
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
100 ms
Limited by RDS(on)*
BVDSS Limited
1ms
100 μs
10 ms
1s,10s,DC
VDS - Drain-to-Source Voltage (V)
*V GS > minimum VGS at which RDS(on) is specified
Normalized Thermal Transient Impedance, Junction-to-Case
10-3
10-2
0
1
1
10-1
10-4
0.2
0.1
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1
0.1
0.05
Single Pulse
0.02
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
UTT12P10L-TN3-R
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com