Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT50P04L-TN3-R Datasheet(PDF) 6 Page - VBsemi Electronics Co.,Ltd

Part # UTT50P04L-TN3-R
Description  P-Channel 4 0 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UTT50P04L-TN3-R Datasheet(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  UTT50P04L-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UTT50P04L-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UTT50P04L-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UTT50P04L-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UTT50P04L-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UTT50P04L-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UTT50P04L-TN3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UTT50P04L-TN3-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UTT50P04L-TN3-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Normalized Thermal Transient Impedance, Junction-to-Ambient
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Case (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions.
Square Wave Pulse Duration (s)
2
1
0.1
0.01
10-4
10-3
10-2
10-1
10
1000
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
100
1
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
UTT50P04L-TN3-R
6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com