Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0640TA Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P0640TA
Description  Bi-directional crowbar transient voltage protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P0640TA Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P0640TA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640TA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640TA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640TA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Eletrical Characteristics
VDRM
Stand-off voltage,is measured at IDRM
IH
Holding current.
VBO
Breakover voltage,is measured at 100V/
μs.
IBO
Breadover current.
CO
Off-state capacitance ismeasured in VDC=2V@1MHZ.
IT
ON-state current
IDRM Leakage current,is measured at VDRM.
VT
On-state voltage.
Part Numbering System
P
XXX
T
A
(A)
(B)
(C)
(D)
(B) Series:0640etc.
(C) T:Package:DO-214AC(SMA)
(D) Rating Sure Voltage:B:typ.2KV(10/700μs )
Part
Number
VDRM
IDRM
VBO
IBO
VT
IT
CO
`IH
Min.
Max.
Max.
Max.
Max.
Max.
Max.
Min.
V
uA
V
mA
V
A
pF
mA
(A) Semiconductor Surge Arrester
P0640TA
Rev :
www.leiditech.com
01.06.2018
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com