Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2KS Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # R2KS
Description  AVALANCHE DIODE(145V, 1.0A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

R2KS Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  R2KS Datasheet HTML 1Page - EIC discrete Semiconductors R2KS Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERIST IC CURVES ( R2KS )
VR(DC) - Ta Characteristic
Ambient Temperature
Ta (
°C)
VZ Temperature Coefficient
Ambient Temperature
Ta (
°C)
Page 2 of 2
Rev. 01 : April 2, 2002
-40
0
25
50
75
100
125
130
135
145
150
140
135.25
-40
0
25
50
75
100
125
130
200
190
180
170
160
150
140
135.25
150.25
170.25
195.75
175.75
max.
min.
VRDC Temperature Characteristics
135



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com