Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JPQ2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # JPQ2
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JPQ2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  JPQ2 Datasheet HTML 1Page - M-System Co.,Ltd. JPQ2 Datasheet HTML 2Page - M-System Co.,Ltd. JPQ2 Datasheet HTML 3Page - M-System Co.,Ltd. JPQ2 Datasheet HTML 4Page - M-System Co.,Ltd. JPQ2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: JPQ2
JPQ2 SPECIFICATIONS
ES-1579 Rev.9 Page 2/5
http://www.m-system.co.jp/
S: 12 V DC
R: 24 V DC
V: 48 V DC
P: 110 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to DC output to alarm output to power
Overrange output: Approx. -15 to +115 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Alarm mode: High
Alarm setpoint: -15 – +115 %
Linearization: Max. 16 points
Input monitor LED: Red LED blinks according to the input.
Excitation adjustment: 5 – 24 V DC
Software programming: Programming Unit (model: PU-2x);
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON)
• Zero and span
• Linearization
• Alarm setpoint
• Output fine adjustment
• Others
Adjustments: With DIP and Rotary switches.
• Pulse amplitude
• Input type
• Noise filter
(Refer to the instruction manual for details)
Modular jack: Connecting the PU-2x
Input pulse sensing: DC coupled
Reset input: Resets the internal counter value (The
transmitter output equivalent to 0 count when the reset
input terminals are closed for 500 msec. or longer.)
Output at count overflow: Reset (restart at 0 count), Hold at
100 % count or 115 % count
INPUT SPECIFICATIONS
Excitation: Shortcircuit protection; approx. 440 mA (max.) at
shortcircuit
Maximum frequency: 100 kHz
(10 Hz for mechanical contact)
Maximum count range: 0 to 99999999
Minimum pulse width time requirement: 5 μsec.; 50 msec.
for mechanical contact
(for both ON and OFF)
■ Open Collector & Mechanical Contact
Input requirements
(Excitation: Sensing)
5 V: Approx. 4 V / 1.0 mA
12 V: Approx. 9 V / 2.3 mA
24 V: Approx. 16 V / 4.7 mA
ON resistance: ≤ 200 Ω
OFF resistance: ≥ 200 kΩ
Detecting level: 2 V (Detecting voltage in the internal
circuit.)
Detecting pulse edge: OFF (input monitor LED ON) to ON
(input monitor LED OFF) or ON to OFF
■ Voltage Pulse
Waveform: Square or sine
Input impedance: 10 kΩ min.
Pulse amplitude: 0.1 – 100 V p-p (1 – 100 Vp-p for sine or
similar waveforms)
Max. voltage between input terminals: 50 V
Detecting level: 0 – 5 V (factory setting: 2 V)
Detecting voltage in the internal circuit.
Detecting pulse state: A pulse rise detected when the input
voltage goes above the detecting level (input monitor LED
ON); a pulse sink detected when it goes below the level
(input monitor LED OFF).
■ Two-wire Current Pulse
Input resistance: Receiving resistor 100 Ω
Input range: 0 – 25 mA
Minimum pulse amplitude: 10 mA
Detecting level: 0 – 5 V
(Detecting voltage in the internal circuit.)
Detecting pulse state: The input resistor (100 Ω) converts



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com