Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT12 Datasheet(PDF) 2 Page - CUI INC

Part # AMT12
Description  MODULAR INCREMENTAL ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT12 Datasheet(HTML) 2 Page - CUI INC

  AMT12 Datasheet HTML 1Page - CUI INC AMT12 Datasheet HTML 2Page - CUI INC AMT12 Datasheet HTML 3Page - CUI INC AMT12 Datasheet HTML 4Page - CUI INC AMT12 Datasheet HTML 5Page - CUI INC AMT12 Datasheet HTML 6Page - CUI INC AMT12 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CUI Devices
│ SERIES: AMT12 │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 09/03/2020
│ page 2 of 7
cuidevices.com
WAVEFORMS
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor shaft length
12.3
mm
axial play
±0.3
mm
hub set screw to shaft torque
3
in-lb
rotational speed (at each
resolution)
384, 768, 800, 1000, 1600, 2000, 2048, 4096
4000
RPM
96, 192, 200, 250, 400, 500, 512, 1024
8000
RPM
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
125
°C
humidity
non-condensing
85
%
vibration
10~500 Hz, 5 minute sweep, 2 hours on each XYZ
5
G
shock
3 pulses, 6 ms, 3 on each XYZ
200
G
RoHS
yes
Quadrature signals showing
counter-clockwise rotation
Figure 1
Parameter
Description
Expression
Units
Notes
PPR
resolution
Pulses Per Revolution
This is the user selected value and the
format all resolutions are listed in
CPR
counts
PPR x 4
Counts Per Revolution
This is the number of quadrature counts
the encoder has
T
period
360/R
mechanical degrees
P
pulse width
T/2
mechanical degrees
S
A/B state width
T/4
mechanical degrees
This is the width of a quadrature state
The following parameters are defined by the resolution selected for each
encoder. The encoders resolution is listed as Pulses Per Revolution (PPR), which
is the number of periods (or high pulses) over the encoders revolution.
Note:
For more information regarding PPR, CPR, or LPR (Lines Per Revolution) view https://www.cuidevices.com/blog/what-is-encoder-ppr-cpr-and-lpr
Additional Resources: Product Page



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com