Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JFR2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # JFR2
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JFR2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  JFR2 Datasheet HTML 1Page - M-System Co.,Ltd. JFR2 Datasheet HTML 2Page - M-System Co.,Ltd. JFR2 Datasheet HTML 3Page - M-System Co.,Ltd. JFR2 Datasheet HTML 4Page - M-System Co.,Ltd. JFR2 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: JFR2
JFR2 SPECIFICATIONS
ES-1581 Rev.10 Page 1/5
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
FREQUENCY SCALER
(field-programmable; built-in excitation)
Functions & Features
• Scales input frequency
• Various outputs (open collector, voltage pulse, Noncontact
AC/DC switch, RS-422 line driver)
• Built-in excitation
• Scaling factor is user-programmable by simply setting
input and output frequencies via handheld programmer
PU-2x
• Isolation up to 2000 V AC
Typical Applications
• Scaling frequency signals from a rotary encoder
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: JFR2–[1][2][3]–[4][5]
ORDERING INFORMATION
• Code number: JFR2-[1][2][3]-[4][5]
Specify a code from below for each of [1] through [5].
(e.g. JFR2-4P1-K/Q)
• Use Ordering Information Sheet (No. ESU-1581). Default
setting (table below) will be used if not otherwise specified.
• Specify the specification for option code /Q
(e.g. /C01/S01)
Factory default setting
PARAMETER
DEFAULT
Input
Open collector
Input pulse amplitude
---
Noise filter
Low
Detecting level *1
1V (5V excitation)
2V (12V/24V excitation)
Input span frequency
1000 Hz
Output span frequency
20 Hz (output code R)
1000 Hz (all other codes)
Low-end cutout
3 Hz
Non-uniform wave averaging
1 (No averaging)
One-shot pulse logic
400 µsec. (20ms for output signal R)
*1. Internal voltage
One-shot pulse width
H
OFF
INPUT – Field-selectable
Open collector
Mechanical contact
Voltage pulse
Two-wire current pulse
RS-422 line driver pulse
[1] EXCITATION
1: 5 V DC @ 120 mA
4: 12 V DC @ 60 mA
7: 24 V DC @ 25 mA
[2] OUTPUT
A: Open collector (max. 10 kHz)
M: 5V pulse (max. 10 kHz)
N: 12 V pulse (max. 10 kHz)
P: 24 V pulse (max. 10 kHz)
J: RS-422 line driver pulse (max. 10 kHz)
R: Noncontact AC/DC switch (max. 20 Hz)
( ) = Max. frequency
[3] OUTPUT PULSE WIDTH
1: No conversion to one-shot
3: One-shot output (std. pulse width 400 μsec. (20 msec. for output signal R))
(Specify when optional pulse width is required.)
[4] POWER INPUT
AC Power
K: 85 – 132 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
P: 110 V DC
[5] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel


Similar Part No. - JFR2

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JFR JBCAPACITORS-JFR Datasheet
304Kb / 1P
Inductive, Radial & Axial, welded lead style.
JFR JBCAPACITORS-JFR_15 Datasheet
211Kb / 1P
Radial & Axial Polystyrene Film Capacitor
More results

Similar Description - JFR2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com