Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVF Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # HVF
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HVF Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  HVF Datasheet HTML 1Page - M-System Co.,Ltd. HVF Datasheet HTML 2Page - M-System Co.,Ltd. HVF Datasheet HTML 3Page - M-System Co.,Ltd. HVF Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: HVF
HVF SPECIFICATIONS
ES-3418-B Rev.6 Page 1/4
http://www.m-system.co.jp/
Space-saving Plug-in Signal Conditioners H-UNIT
SIGNAL TRANSMITTER
(high speed response; isolated)
Functions & Features
• Converting a DC input into a standard process signal
• Isolation between input and output
• 180-microsecond response
• High-density mounting
Typical Applications
• Isolation for a vibration analyzing system
26 (1.02)
93
(3.66)
mm (inch)
137
(5.39)
MODEL: HVF–[1][2]–R[3]
ORDERING INFORMATION
• Code number: HVF-[1][2]-R[3]
Specify a code from below for each of [1] through [3].
(e.g. HVF-6A-R/Q)
• Special input and output ranges (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
B: 2 – 10 mA DC (Input resistance 500 Ω)
C: 1 – 5 mA DC (Input resistance 1000 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
E: 0 – 16 mA DC (Input resistance 62.5 Ω)
F: 0 – 10 mA DC (Input resistance 100 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
GW: -1 – +1 mA DC (Input resistance 1000 Ω)
FW: -10 – +10 mA DC (Input resistance 100 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power


Similar Part No. - HVF

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HVF OHMITE-HVF Datasheet
296Kb / 2P
High voltage up to 3,000 volts
HVF OHMITE-HVF Datasheet
454Kb / 2P
High Voltage Flip Chip Film
logo
Sensata Technologies, I...
HVF SENSATA-HVF Datasheet
349Kb / 2P
HIGH VOLTAGE FUSE
Rev:07/30/18
logo
Ohmite Mfg. Co.
HVF1206 OHMITE-HVF1206 Datasheet
296Kb / 2P
High voltage up to 3,000 volts
HVF1206 OHMITE-HVF1206 Datasheet
454Kb / 2P
High Voltage Flip Chip Film
More results

Similar Description - HVF

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HPE MSYSTEM-HPE Datasheet
101Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJPA MSYSTEM-HJPA Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJFT MSYSTEM-HJFT Datasheet
193Kb / 5P
Space-saving Plug-in Signal Conditioners H-UNIT
HJF MSYSTEM-HJF Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJDL MSYSTEM-HJDL Datasheet
138Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HAS MSYSTEM-HAS Datasheet
137Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
HVS MSYSTEM-HVS Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HVP MSYSTEM-HVP Datasheet
111Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HSP MSYSTEM-HSP Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPR MSYSTEM-HPR Datasheet
127Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com