Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSN Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # HSN
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HSN Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  HSN Datasheet HTML 1Page - M-System Co.,Ltd. HSN Datasheet HTML 2Page - M-System Co.,Ltd. HSN Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: HSN
HSN SPECIFICATIONS
ES-3419 Rev.8 Page 1/3
http://www.m-system.co.jp/
Space-saving Plug-in Signal Conditioners H-UNIT
INPUT LOOP POWERED ISOLATOR
Functions & Features
• Loop-powered design eliminates output loop power supply
• 500 V DC input-to-output isolation
• 2 isolators housed in one enclosure
• 350 Ω output drive with 4 – 20 mA
• High-density mounting
Typical Applications
• Isolation between control room and field instrumentation,
between telemetering system and input device
• Eliminates ground problems in existing systems
thanks to easiness of application without requiring
additional power wiring
26 (1.02)
93
(3.66)
mm (inch)
137
(5.39)
MODEL: HSN–[1][2]
ORDERING INFORMATION
• Code number: HSN-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. HSN-2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT / OUTPUT
Single-channel
1: 4 – 20 mA DC / 1 – 5 V DC
1H6: 10 – 50 mA DC / 1 – 5 V DC
1AA: 4 – 20 mA DC / 4 – 20 mA DC
1HA: 10 – 50 mA DC / 4 – 20 mA DC
Dual-channel
2: 4 – 20 mA DC / 1 – 5 V DC
2H6: 10 – 50 mA DC / 1 – 5 V DC
2AA: 4 – 20 mA DC / 4 – 20 mA DC
2HA: 10 – 50 mA DC / 4 – 20 mA DC
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output; between channels
Zero adjustment (front)
Voltage output: -5 to +5 %
Current output: -0.5 to +0.5 %
Span adjustment (front)
Voltage output: 95 to 105 %
Current output: 98.5 to 101.5 %
INPUT & OUTPUT
■ Input 4 – 20 mA DC / Output 1 – 5 V DC
Equivalent input impedance: Approx. 250 Ω with 20 mA
input
Operational range: 3 – 22 mA DC
(Accuracy is assured within 4 – 22 mA)
Load resistance: ≥ 50 kΩ
■ Input 10 – 50 mA DC / Output 1 – 5 V DC
Equivalent input impedance: Approx. 100 Ω with 50 mA
input
Operational range: 7 – 55 mA DC
(Accuracy is assured within 8 – 55 mA)
Load resistance: ≥ 50 kΩ
■ Input 4 – 20 mA DC / Output 4 – 20 mA DC
Equivalent input impedance: 230 Ω plus load resistance with
20 mA input
Operational range: 3 – 22 mA DC
(Accuracy is assured within 4 – 22 mA)
Load resistance: 50 – 350 Ω (min. 50 Ω required for
adequate operation)
■ Input 10 – 50 mA DC / Output 4 – 20 mA DC
Equivalent input impedance: 90 Ω + [load resistance×0.16]


Similar Part No. - HSN

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
HSN-1000 MAXWELL-HSN-1000 Datasheet
161Kb / 4P
Nuclear Event Detector
HSN-1000F MAXWELL-HSN-1000F Datasheet
161Kb / 4P
Nuclear Event Detector
HSN-1000L MAXWELL-HSN-1000L Datasheet
161Kb / 4P
Nuclear Event Detector
logo
Mean Well Enterprises C...
HSN-200 MEANWELL-HSN-200 Datasheet
143Kb / 3P
200W Single Output Switching Power Supply
logo
Maxwell Technologies
HSN-2000 MAXWELL-HSN-2000 Datasheet
161Kb / 4P
Nuclear Event Detector
More results

Similar Description - HSN

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HPE MSYSTEM-HPE Datasheet
101Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJPA MSYSTEM-HJPA Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJFT MSYSTEM-HJFT Datasheet
193Kb / 5P
Space-saving Plug-in Signal Conditioners H-UNIT
HJF MSYSTEM-HJF Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJDL MSYSTEM-HJDL Datasheet
138Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HAS MSYSTEM-HAS Datasheet
137Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
HVS MSYSTEM-HVS Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HVP MSYSTEM-HVP Datasheet
111Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HSP MSYSTEM-HSP Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HPR MSYSTEM-HPR Datasheet
127Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com