Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPR Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # HPR
Description  Space-saving Plug-in Signal Conditioners H-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HPR Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  HPR Datasheet HTML 1Page - M-System Co.,Ltd. HPR Datasheet HTML 2Page - M-System Co.,Ltd. HPR Datasheet HTML 3Page - M-System Co.,Ltd. HPR Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: HPR
HPR SPECIFICATIONS
ES-3460 Rev.9 Page 1/4
http://www.m-system.co.jp/
Space-saving Plug-in Signal Conditioners H-UNIT
PULSE SCALER
Functions & Features
• Converting pulse rate into convenient engineering unit for
display on a totalizing counter or meter
• High-density mounting
Typical Applications
• Positive displacement flowmeters and turbine flowmeters
• Magnetic tachometers
26 (1.02)
93
(3.66)
mm (inch)
137
(5.39)
MODEL: HPR–[1][2]–R[3]
ORDERING INFORMATION
• Code number: HPR–[1][2]–R[3]
Specify a code from below for each of [1] through [3].
(e.g. HPR-11-R/Q)
• Input frequency range (e.g. 0 – 356.7 Hz)
• Output frequency range (e.g. 0 – 1.00 Hz)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
1: Dry contact (max. 100 kHz)
2: Voltage pulse (max. 100 kHz)
[2] OUTPUT
1: Open collector (max. frequency 20 kHz)
2: 5 V pulse (max. frequency 20 kHz)
3: Relay contact (max. frequency 2 Hz)
4: 24 V pulse (max. frequency 20 Hz)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
CAUTION
1) This unit's output waveform is not uniform due to its
scaling method. The user must be aware that it may be
inconvenient for certain types of application.
2) This unit is designed to accept at the maximum of 100
kHz, which may cause errors due to chattering in the input
pulses.
Use input relays which do not cause chattering (e.g.
mercury relays). Other relays could be used only with a CR
filter, for 10 Hz at maximum.
3) Use M-System’s Model M2PRU instead of this unit in
conjunction with the pulse output from M-System’s power
transducers.
Relay
R
C
PULSE
SCALER
C = 1 µF
R = 10kΩ
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Input pulse sensing: Capacitor coupled; detecting pulse rise
Sensitivity adjustment: Single-turn screwdriver adjustment
(front); 25 mVp-p – 5 Vp-p
Scaling factor: 0.9999 × 100 – 0.0001 × 10–6
INPUT SPECIFICATIONS
■ Dry Contact: Mechanical contact or open collector
Max. frequency: 100 kHz
Pulse width time requirement: 5 μsec. min. (20 msec. min.
for frequencies ≤ 10 Hz)
Sensing: Approx. 7.5 V DC @ 1 mA
ON/OFF level: ≤ 20 kΩ for ON, ≥ 100 kΩ for OFF


Similar Part No. - HPR

ManufacturerPart #DatasheetDescription
logo
ETAL Group
HPR ETAL-HPR Datasheet
553Kb / 4P
water-proof and dust-proof
logo
Vishay Siliconix
HPR VISHAY-HPR Datasheet
87Kb / 4P
High Pulse Wirewound Resistor, Noise Suppressor
01-Feb-18
logo
FOTEK CONTROLS CO., LTD...
HPR-100AA FOTEK-HPR-100AA Datasheet
1Mb / 6P
Single Phase High Power type DC to DC Solid State Module
HPR-100AA-H FOTEK-HPR-100AA-H Datasheet
1Mb / 6P
Single Phase High Power type DC to DC Solid State Module
HPR-100DA FOTEK-HPR-100DA Datasheet
1Mb / 6P
Single Phase High Power type DC to DC Solid State Module
More results

Similar Description - HPR

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HPE MSYSTEM-HPE Datasheet
101Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJPA MSYSTEM-HJPA Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJFT MSYSTEM-HJFT Datasheet
193Kb / 5P
Space-saving Plug-in Signal Conditioners H-UNIT
HJF MSYSTEM-HJF Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HJDL MSYSTEM-HJDL Datasheet
138Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HAS MSYSTEM-HAS Datasheet
137Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
HVS MSYSTEM-HVS Datasheet
110Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HVP MSYSTEM-HVP Datasheet
111Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HTS MSYSTEM-HTS Datasheet
113Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HSP MSYSTEM-HSP Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com