Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDS-4S-7229-R-D Datasheet(PDF) 6 Page - CUI INC

Part # RDS-4S-7229-R-D
Description  ROTARY DIP SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

RDS-4S-7229-R-D Datasheet(HTML) 6 Page - CUI INC

  RDS-4S-7229-R-D Datasheet HTML 1Page - CUI INC RDS-4S-7229-R-D Datasheet HTML 2Page - CUI INC RDS-4S-7229-R-D Datasheet HTML 3Page - CUI INC RDS-4S-7229-R-D Datasheet HTML 4Page - CUI INC RDS-4S-7229-R-D Datasheet HTML 5Page - CUI INC RDS-4S-7229-R-D Datasheet HTML 6Page - CUI INC RDS-4S-7229-R-D Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cuidevices.com
CUI Devices
│ SERIES: RDS-7229-D │ DESCRIPTION: ROTARY DIP SWITCH
date 12/17/2020
│ page 6 of 7
PACKAGING
units: mm
Tube Size: 14.5 x 13.0 x 545 mm
Tube QTY: 70 pcs
13
4.2
FLAT ACTUATOR MODELS
RAISED ACTUATOR MODELS
13
4.2
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com