Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTS-5F-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # FTS-5F-R
Description  Space-saving Plug-in Signal Conditioners F-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

FTS-5F-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  FTS-5F-R Datasheet HTML 1Page - M-System Co.,Ltd. FTS-5F-R Datasheet HTML 2Page - M-System Co.,Ltd. FTS-5F-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: FTS
FTS SPECIFICATIONS
ES-1412 Rev.9 Page 1/3
http://www.m-system.co.jp/
Space-saving Plug-in Signal Conditioners F-UNIT
THERMOCOUPLE TRANSMITTER
Functions & Features
• Accepting direct input from a thermocouple and providing
a standard process signal
• 5-segment linearization
• Burnout protection
• High-accuracy cold junction compensation
• Fast response type available
• High-density mounting
Typical Applications
• High-accuracy cold junction compensation benefits narrow
span measurements
• 0.1 μA burnout sensing enables long distance
transmission with minimum offset drifts
• Electric furnace (isolation)
• No burnout type can connect to a single T/C in parallel
with a recorder
26 (1.02)
100
(3.94)
mm (inch)
137
(5.39)
MODEL: FTS–[1][2]-[3][4]
ORDERING INFORMATION
• Code number: FTS-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. FTS-2A-L/K/BL/Q)
• Temperature range (e.g. 0 – 800°C)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT THERMOCOUPLE
1: (PR) (Usable Range 0 to 1760°C, 32 to 3200°F)
2: K (CA) (Usable range -270 to +1370°C, -454 to +2498°F)
3: E (CRC) (Usable range -270 to +1000°C, -454 to +1832°F)
4: J (IC) (Usable range -210 to +1200°C, -346 to +2192°F)
5: T (CC) (Usable range -270 to +400°C, -454 to +752°F)
6: B (RH) (Usable range 0 to 1820°C, 32 to 3308°F)
7: R (Usable range -50 to +1760°C, -58 to +3200°F)
8: S (Usable range -50 to +1760°C, -58 to +3200°F)
N: N (Usable range -270 to +1300°C, -454 to +2372°F)
0: Specify
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] POWER INPUT
AC Power
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
L: 170 – 264 V AC
(Operational voltage range 170 – 264 V, 47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[4] OPTIONS (multiple selections)
Response Time (0 – 90 %)
blank: Standard (≤ 0.5 sec.)
/K: Fast Response (Approx. 25 msec.)
Burnout
blank: Upscale burnout
/BL: Downscale burnout
/BN: No burnout
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating


Similar Part No. - FTS-5F-R

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FTS-104-01-F-D SAMTEC-FTS-104-01-F-D Datasheet
618Kb / 1P
MICRO LOW PROFILE TERMINAL STRIPS
FTS-104-01-L-D SAMTEC-FTS-104-01-L-D Datasheet
770Kb / 1P
MICRO LOW PROFILE TERMINAL STRIPS
FTS-106-02-L-DV-S-P-TR SAMTEC-FTS-106-02-L-DV-S-P-TR Datasheet
770Kb / 1P
MICRO LOW PROFILE TERMINAL STRIPS
FTS-110-02-F-DV SAMTEC-FTS-110-02-F-DV Datasheet
618Kb / 1P
MICRO LOW PROFILE TERMINAL STRIPS
FTS-111-02-L-DV-SA SAMTEC-FTS-111-02-L-DV-SA Datasheet
618Kb / 1P
MICRO LOW PROFILE TERMINAL STRIPS
More results

Similar Description - FTS-5F-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FAC MSYSTEM-FAC Datasheet
97Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FRT MSYSTEM-FRT Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FPA MSYSTEM-FPA Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FLCS MSYSTEM-FLCS Datasheet
104Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJV MSYSTEM-FJV Datasheet
108Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FJPA MSYSTEM-FJPA Datasheet
105Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJFX MSYSTEM-FJFX Datasheet
108Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FJFT MSYSTEM-FJFT Datasheet
191Kb / 5P
Space-saving Plug-in Signal Conditioners F-UNIT
FTG MSYSTEM-FTG Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FSE MSYSTEM-FSE Datasheet
97Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com