Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDS-4S-7229-R-SMT Datasheet(PDF) 5 Page - CUI INC

Part # RDS-4S-7229-R-SMT
Description  ROTARY DIP SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

RDS-4S-7229-R-SMT Datasheet(HTML) 5 Page - CUI INC

  RDS-4S-7229-R-SMT Datasheet HTML 1Page - CUI INC RDS-4S-7229-R-SMT Datasheet HTML 2Page - CUI INC RDS-4S-7229-R-SMT Datasheet HTML 3Page - CUI INC RDS-4S-7229-R-SMT Datasheet HTML 4Page - CUI INC RDS-4S-7229-R-SMT Datasheet HTML 5Page - CUI INC RDS-4S-7229-R-SMT Datasheet HTML 6Page - CUI INC RDS-4S-7229-R-SMT Datasheet HTML 7Page - CUI INC RDS-4S-7229-R-SMT Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
cuidevices.com
CUI Devices
│ SERIES: RDS-7229-SMT │ DESCRIPTION: ROTARY DIP SWITCH
date 12/11/2020
│ page 5 of 8
ON 
OFF 
CODE
TYPE
POS
1
2
4
8
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
2.1
0.6
6.8
10.8
9.8
8
2
1
C
4
C
7.2
MECHANICAL DRAWING (RAISED SLOTTED ACTUATOR)
units: mm
tolerance: ±0.1 mm
unless otherwise noted
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
1
actuator
LCP (UL94V-0)
blue (4 position)
gray (10 position)
ivory (16 position)
2
housing
LCP (UL94V-0)
dark gray
3
face plate
stainless steel
4
terminals
copper alloy
gold
Recommended PCB Layout
Top View
Note: *Terminals 4 and 8 have no function on 4 position model.
16 POSITION
4 POSITION
10 POSITION
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com