Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JPA-2AC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # JPA-2AC
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JPA-2AC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  JPA-2AC Datasheet HTML 1Page - M-System Co.,Ltd. JPA-2AC Datasheet HTML 2Page - M-System Co.,Ltd. JPA-2AC Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: JPA
JPA SPECIFICATIONS
ES-1673 Rev.12 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
FREQUENCY TRANSMITTER
(field-programmable)
Functions & Features
• Converting the output from a pulse-type transducer into
standard process signal
• Micro-processor based
• Field-programmable frequency range
• Linearization available for flow compensation
• Averaging non-uniform pulses
• Excitation
• Isolation up to 2000 V AC
• Loop testing via hand-held programmer PU-2x
• High-density mounting
Typical Applications
• Positive displacement flowmeters, turbine flowmeters and
vortex flowmeters
• Proximity switches
• Oval flowmeters
50
(1.97)
127
(5)
80
(3.15)
mm (inch)
MODEL: JPA–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: JPA-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. JPA-23-B/Q)
• Frequency range (e.g. 0 – 152.3 Hz)
• Special output ranges (For codes Z & 0)
• Linearization data (max. 16 points)
Use Ordering Information Sheet (No. ESU-1673) to specify
linearization data when the I/O signals are non-linear.
• Specify the specification for option code /Q
(e.g. /C01/S01)
Note: Consult factory on applications with a sensor handling
periodically (& quickly) changing frequency (e.g. oval
flowmeter).
[1] INPUT
1: Open collector (Excitation: 12 V @ 30 mA)
2: Voltage pulse (Excitation: 12 V @ 30 mA)
3: Mechanical contact (Excitation: 12 V @ 30 mA)
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)


Similar Part No. - JPA-2AC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2-10-K MSYSTEM-JPA2-10-K Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2-10-K/Q MSYSTEM-JPA2-10-K/Q Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2-10-P MSYSTEM-JPA2-10-P Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2-10-P/Q MSYSTEM-JPA2-10-P/Q Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - JPA-2AC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com