Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JPA-CC Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # JPA-CC
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JPA-CC Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  JPA-CC Datasheet HTML 1Page - M-System Co.,Ltd. JPA-CC Datasheet HTML 2Page - M-System Co.,Ltd. JPA-CC Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: JPA
JPA SPECIFICATIONS
ES-1673 Rev.12 Page 2/3
http://www.m-system.co.jp/
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Overrange output: -10 – +120 % at 1 – 5 V
(0 – 120 % when 0 % input equals to 0 Hz.)
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Linearization: 16 points max. represented as percentage of
full-scale
Adjustments: Programming Unit (model: PU-2x); input
range, low-end cutout, zero and span, simulating output,
averaging nonuniform pulses, linearization data, etc.
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON.)
Low-end cutout: 0 – 100 % adjustable (factory set to 0 %);
hysteresis fixed to 1 %
(% of the range from 0 Hz to 100 % frequency.)
INPUT SPECIFICATIONS
Excitation: Shortcircuit protection
Pulse width (time) requirement: 10 msec. min. at
< 20 Hz; duty ratio 20 – 80 % at ≥ 20 Hz
Offset: Max. 3 times span
■ Open Collector
Frequency range: 0 – 0.01 Hz through 25 kHz
(0 – 1 kHz will be used if not otherwise specified)
Sensing: Approx. 12 V DC @ 3 mA
ON/OFF level: ≤ 800 Ω / 2 V for ON,
≥ 1.2 kΩ / 3.6 V for OFF
■ Mechanical Contact
Frequency range: 0 – 0.01 Hz through 5 Hz
(0 – 5 Hz will be used if not otherwise specified)
Sensing: Approx. 12 V DC @ 3 mA
ON/OFF level: ≤ 800 Ω / 2 V for ON,
≥ 1.2 kΩ / 3.6 V for OFF
■ Voltage Pulse: Square or sine waveforms
Frequency range: 0 – 0.01 Hz through 25 kHz
(0 - 1 kHz will be used if not otherwise specified.)
Input amplitude: 2 – 50 Vp-p
Input impedance: 10 kΩ min.
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 15 V max.
■ DC Voltage: -10 – +20 V DC
Span: Min. 5 mV, max. 20 V
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max.; at ≥ 0.5 V
INSTALLATION
Power input
•AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 3 VA
•DC: Operational voltage range: rating ±10 %,
ripple 10 %p-p max., approx. 2 W (90 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 350 g (0.77 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 % with segment gain ≤ 1 [±0.1 % × gain]
with segment gain > 1
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: 0.5 sec. + 1 pulse cycle (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com