Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JFR2-1M1-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # JFR2-1M1-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JFR2-1M1-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  JFR2-1M1-R Datasheet HTML 1Page - M-System Co.,Ltd. JFR2-1M1-R Datasheet HTML 2Page - M-System Co.,Ltd. JFR2-1M1-R Datasheet HTML 3Page - M-System Co.,Ltd. JFR2-1M1-R Datasheet HTML 4Page - M-System Co.,Ltd. JFR2-1M1-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: JFR2
JFR2 SPECIFICATIONS
ES-1581 Rev.10 Page 5/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
3
5
4
+
5kΩ
100Ω
100Ω
■ Open Collector or
Mechanical Contact
Input Connection Examples
+
–
–
Vsns
PWR
■ 2-Wire Current Pulse
• Built-in Excitation
3
5
4
–
+
Vsns
2-WIRE
PICK-UP
• External DC Supply
3
5
4
–
Vsns
2-WIRE
PICK-UP
+
+
DC SUPPLY
–
■ Voltage Pulse
3
5
4
+
+
–
–
Vsns
PWR
■ RS-422 Line Driver Pulse
+
+
–
–
Vsns
PWR
■ Open Collector
Output Connection Examples
+
–
1
2
+
–
■ Voltage Pulse
+
–
1
2
+
–
■ Noncontact AC/DC Switch
• AC Powered
■ RS-422 Line Driver Pulse
Relay or
Counter Coil
Varistor or Spark
Quenching Circuit
• DC Powered
Relay or
Counter Coil
Spark Quenching
Diode
+
–
Isolation
Base Socket
Waveform
Shaper
Output
Driver
OUTPUT
6
1
2
U(+)
V(–)
POWER
7
8
One-Shot
+
–
INPUT
3
5
4
+
SENSOR EXCITATION
Excitation
Supply
SERIAL TRANSMISSION LINE
PU-2x
MODULAR JACK
* Deleted with no conversion to one-shot type.
Note: With 24V excitation and open collector/mechanical contact input, the voltage across the terminals 3 – 4,
divided in the waveform shaper, is of approx. 16V.
*
VOLTAGE
ADJ.
DETECT.
LEVEL
INPUT
MON.
■ OPEN COLLECTOR, MECHANICAL SWITCH, VOLTAGE PULSE, 2-WIRE CURRENT PULSE INPUT
+
–
Isolation
Base Socket
RS-422
Receiver
Output
Driver
OUTPUT
4
1
2
U(+)
V(–)
POWER
7
8
One-Shot
+
–
INPUT
+
–
3
5
6
Excitation
Supply
SERIAL TRANSMISSION LINE
PU-2x
MODULAR JACK
* Deleted with no conversion to one-shot type.
*
INPUT
MON.
VOLT.
ADJ.
■ RS-422 LINE DRIVER PULSE INPUT
SENSOR EXCITATION
6
+
–
3
5
4
+
–
2
+
–
+
–
1
Digital
Computation
INPUT TYPE
Digital
Computation
INPUT TYPE
Digital
Computation
INPUT TYPE
2
1
LOAD
U
LOAD
2
1
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com