Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4812L-S08-R Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # UT4812L-S08-R
Description  Dual N-Channel 30-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

UT4812L-S08-R Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  UT4812L-S08-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd UT4812L-S08-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd UT4812L-S08-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd UT4812L-S08-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd UT4812L-S08-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd UT4812L-S08-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd UT4812L-S08-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd UT4812L-S08-R Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd UT4812L-S08-R Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper dis-
sipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0.0
1.5
3.0
4.5
6.0
7.5
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Foot
0.0
0.7
1.4
2.1
2.8
3.5
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Ambient
0.0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100
125
150
TA -Ambient Temperature (°C)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
UT4812L-S08-R
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com