Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTV3.3LUT Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTV3.3LUT
Description  Transient Voltage Suppressors for ESD Protection ESD Protection Diodes with Ultra Capacitance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTV3.3LUT Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTV3.3LUT Datasheet HTML 1Page - First Silicon Co., Ltd FTV3.3LUT Datasheet HTML 2Page - First Silicon Co., Ltd FTV3.3LUT Datasheet HTML 3Page - First Silicon Co., Ltd FTV3.3LUT Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2013. 12. 10
3/4
Revision No : 0
FTV3.3LUT
IEC 61000−4−2 Spec.
Level
Test
Voltage
(kV)
First Peak
Current
(A)
Current at
30 ns (A)
Current at
60 ns (A)
1
2
7.5
4
2
2
4
15
8
4
3
6
22.5
12
6
4
8
30
16
8
Ipeak
90%
10%
IEC61000−4−2 Waveform
100%
I @ 30 ns
I @ 60 ns
tP = 0.7 ns to 1 ns
Figure 3. IEC61000−4−2 Spec
Figure 4. Diagram of ESD Test Setup
50
50
Cable
TVS
Oscilloscope
ESD Gun
The following is taken from Application Note
AND8308/D −Interpretation of Datasheet Parameters
for ESD Devices.
ESD Voltage Clamping
For sensitive circuit elements it is important to limit the
voltage that an IC will be exposed to during an ESD event
to as low a voltage as possible. The ESD clamping voltage
is the voltage drop across the ESD protection diode during
an ESD event per the IEC61000-4-2 waveform. Since the
IEC61000-4-2 2 was written as a pass/fail spec for larger
systems such as cell phones or laptop computers it is not
clearly defined in the spec how to specify a clamping voltage
at the device level. ON Semiconductor has developed a way
to examine the entire voltage waveform across the ESD
protection diode over the time domain of an ESD pulse in the
form of an oscilloscope screenshot, which can be found on
the datasheets for all ESD protection diodes. For more
information on how ON Semiconductor creates these
screenshots and how to interpret them please refer to
AND8307/D.
Figure 5. 8 X 20 s Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
0
20
40
60
80
t, TIME ( s)
tP
tr
PULSE WIDTH (t P ) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8us
PEAK VALUE IRSM@ 8us
HALF VALUE IRSM /2 @ 20us



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com