Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTV05UT Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTV05UT
Description  Transient Voltage Suppressors for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTV05UT Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTV05UT Datasheet HTML 1Page - First Silicon Co., Ltd FTV05UT Datasheet HTML 2Page - First Silicon Co., Ltd FTV05UT Datasheet HTML 3Page - First Silicon Co., Ltd FTV05UT Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FTV3.3UT
2014. 05. 02
2/4
Revision No : 0
Electrical Parameter
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse
Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current
@ VRWM
IT
Test Current
VBR
Breakdown Voltage @ IT
Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.VF = 0.9V at IF = 10mA
VRWM
(V)
IR
(u
A)
@
VRWM
VBR
(V)
@ IT
(Note 2)
IT
(mA)
IPP
(A)
(Note 3)
VC
(V)
@ Max IPP
(Note 3)
PPK
(W)
(8*20 s)
C
(pF)
Device
Max
Max
Min
Max
Max
Typ
Typ
FDV3.3UT
3.3
2.5
5.0
1.0
9.8
10.4
102
80
FTV05UT
5.0
1.0
6.2
1.0
8.7
12.3
107
65
FTV12UT
12
1.0
13.5
1.0
5.9
23.7
140
30
Other voltage available upon request.
2. VBR is measured with a pulse test current IT at an ambient temperature of 25℃
3. Surge current waveform per Figure 3.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com