Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JFK-AA-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # JFK-AA-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JFK-AA-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  JFK-AA-R Datasheet HTML 1Page - M-System Co.,Ltd. JFK-AA-R Datasheet HTML 2Page - M-System Co.,Ltd. JFK-AA-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: JFK
JFK SPECIFICATIONS
ES-1681 Rev.7 Page 2/3
http://www.m-system.co.jp/
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EQUATION
Equation parameters
X0: output (%)
X1 to X3: input (%)
K0 to K3: gain ±29.999
A0 to A3: bias (%) ±299.99 %
EQUATION
/1: Temp. & pressure compensation for DP owmeter (ideal gas)
K2X2+A2
X0 = K1X1
K3X3+A3
where X0 : compensated ow (linear characteristic)
X1 : uncompensated ow (sq. root extraction available)
X2 : pressure
X3 : temperature
/2: Addition/subtraction
X0 = K0 {K1 (X1+A1) + K2 (X2+A2) + K3 (X3+A3)} + A0
/3: Multiplication
X0 = K0 (K1X1+A1) (K2X2+A2) (K3X3+A3) + A0
/4: Multiplication/division
K0 (K1X1+A1) (K2X2+A2)
X0 =
+ A0
(K3X3+A3)
/5: Multiplication/division
K0 (K1X1+A1)
X0 =
+ A0
(K2X2+A2) (K3X3+A3)
/6: Addition/multiplication
X0 = K0 (K1X1+K2X2+A1) (K3X3+A3) + A0
/7: Addition/division
K0 (K1X1+K2X2+A1)
X0 =
+ A0
(K3X3+A3)
/8: Addition/division
K0 (K1X1+A1)
X0 =
+ A0
(K2X2+K3X3+A2)
/9: Addition/multiplication
X0 = K0 (K1X1+A1) + K0 (K2X2+A2) (K3X3+A3) + A0
/10: Addition/division
K0 (K2X2+A2)
X0 = K0 (K1X1+A1) +
+ A0
(K3X3+A3)
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power (non-isolated between
inputs)
Overrange input: Approx. -25 to +125 %
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Adjustments: Programming Unit (model: PU-2x); equation
and parameters, square root extraction, zero and span, etc.
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON.)
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 15 V max.
■ DC Voltage: -10 – +20 V DC
Span: Min. 5 mV, max. 20 V
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max.; at ≥ 0.5 V
INSTALLATION
Power input
•AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 3 VA
•DC: Operational voltage range: rating ±10 %,
ripple 10 %p-p max., approx. 2 W (90 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 350 g (0.77 lb)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com