Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY23FS08OC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY23FS08OC
Description  Failsafe 2.5V/ 3.3V Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS08OC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY23FS08OC Datasheet HTML 4Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 5Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 6Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 7Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 8Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 9Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 10Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 11Page - Cypress Semiconductor CY23FS08OC Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CY23FS08
Document #: 38-07518 Rev. *A
Page 10 of 12
Ordering Information
Part Number
Package Type
Product Flow
CY23FS08OI
28-pin SSOP
Industrial, –40°C to 85°C
CY23FS08OIT
28-pin SSOP – Tape and Reel
Industrial, –40°C to 85°C
CY23FS08OC
28-pin SSOP
Commercial, 0°C to 70°C
CY23FS08OCT
28-pin SSOP – Tape and Reel
Commercial, 0°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com